Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PEMZ7 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PEMZ7
Description  NPN/PNP general purpose transistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PEMZ7 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Nov 07
5
Philips Semiconductors
Product specification
NPN/PNP general purpose transistors
PEMZ7
handbook, halfpage
200
1200
400
600
800
1000
MLD673
1
10−1
IC (mA)
VBE
(mV)
10
102
103
(1)
(3)
(2)
Fig.4
Base-emitter voltage as a function of
collector current; typical values.
TR1 (NPN); VCE =2V.
(1) Tamb = −55 °C.
(2) Tamb =25 °C.
(3) Tamb = 150 °C.
handbook, halfpage
200
1200
400
600
800
1000
MHC017
10−1
110
102
103
VBEsat
(mV)
IC (mA)
(1)
(2)
(3)
Fig.5
Base-emitter saturation voltage as a
function of collector current; typical values.
TR1 (NPN); IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
103
102
10
1
MHC018
10−1
110
IC (mA)
VCEsat
(mV)
102
103
(1)
(2)
(3)
Fig.6
Collector-emitter saturation voltage as a
function of collector current; typical values.
TR1 (NPN); IC/IB = 20.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.
handbook, halfpage
0
400
600
200
100
300
500
MHC019
−10−1
−1
−10
IC (mA)
hFE
−102
−103
(1)
(2)
(3)
Fig.7
DC current gain as a function of collector
current; typical values.
TR2 (PNP); VCE = −2V.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −55 °C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn