Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTR10 Datasheet(PDF) 6 Page - Rohm

Part # KTR10
Description  Endured high voltage fixed thick film chip resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KTR10 Datasheet(HTML) 6 Page - Rohm

  KTR10_1 Datasheet HTML 1Page - Rohm KTR10_1 Datasheet HTML 2Page - Rohm KTR10_1 Datasheet HTML 3Page - Rohm KTR10_1 Datasheet HTML 4Page - Rohm KTR10_1 Datasheet HTML 5Page - Rohm KTR10_1 Datasheet HTML 6Page - Rohm KTR10_1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KTR10
Resistors
Rev.B
6/6
RESISTANCE
(
Ω)
Fig.17 Bend strength of the end face plating
JIS C 5201-1 SEC 4.33
SAMPLE SIZE : n
=10pcs
ENDURANCE WITH 90mm WIDTH
10
100
1k
10k 100k 1M
10M
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.5
2.0


Similar Part No. - KTR10_1

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10EZPF100 ROHM-KTR10EZPF100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10EZPF100 ROHM-KTR10EZPF100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10EZPJ100 ROHM-KTR10EZPJ100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10EZPJ100 ROHM-KTR10EZPJ100 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10EZPJ104 ROHM-KTR10EZPJ104 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results

Similar Description - KTR10_1

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
   Endured high voltage fixed thick film chip resistor
KTR18 ROHM-KTR18_1 Datasheet
87Kb / 6P
   Endured high voltage fixed thick film chip resistors
KTR18 ROHM-KTR18 Datasheet
105Kb / 7P
   Endured high voltage fixed thick film chip resistors
ESR10 ROHM-ESR10 Datasheet
106Kb / 7P
   Endured surge thick film chip resistor
ESR18 ROHM-ESR18 Datasheet
119Kb / 7P
   Endured surge thick film chip resistor
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
   High Voltage Thick Film Chip Resistor
11/18/2020
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
   High Voltage Thick Film Resistor
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
   Medium Voltage Thick Film Chip Resistor
01/23/2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com