Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4040MGC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA4040MGC
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040MGC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA4040MGC Datasheet HTML 1Page - Kingbright Corporation AA4040MGC Datasheet HTML 2Page - Kingbright Corporation AA4040MGC Datasheet HTML 3Page - Kingbright Corporation AA4040MGC Datasheet HTML 4Page - Kingbright Corporation AA4040MGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1238
REV NO: V.6
DATE: MAY/08/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000445
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA4040MGC
Mega Green (InGaAlP)
WATER CLEAR
50
100
90
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Mega Green
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Mega Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Mega Green
26
nm
IF=20mA
C
Capacitance
Mega Green
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Mega Green
2.1
2.5
V
IF=20mA
IR
Reverse Current
Mega Green
10
uA
VR=5V
Parameter
Mega Green
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - AA4040MGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
   4.0 X 4.0 MM SURFACE MOUNT LED LAMP
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040CGCK TO-GRACE-AA4040CGCK Datasheet
840Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040CGSK KINGBRIGHT-AA4040CGSK Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040CGSK TO-GRACE-AA4040CGSK Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results

Similar Description - AA4040MGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SESK KINGBRIGHT-AA4040SESK Datasheet
295Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SRS KINGBRIGHT-AA4040SRS Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com