Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA4040CGCK Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA4040CGCK
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040CGCK Datasheet(HTML) 3 Page - Kingbright Corporation

  AA4040CGCK Datasheet HTML 1Page - Kingbright Corporation AA4040CGCK Datasheet HTML 2Page - Kingbright Corporation AA4040CGCK Datasheet HTML 3Page - Kingbright Corporation AA4040CGCK Datasheet HTML 4Page - Kingbright Corporation AA4040CGCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAC6024
REV NO: V.7
DATE: MAY/08/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000438
Green
AA4040CGCK


Similar Part No. - AA4040CGCK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
AA4040CGCK TO-GRACE-AA4040CGCK Datasheet
840Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
More results

Similar Description - AA4040CGCK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SESK KINGBRIGHT-AA4040SESK Datasheet
295Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SRS KINGBRIGHT-AA4040SRS Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com