Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3193A Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3193A
Description  8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3193A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3193A Datasheet HTML 17Page - Analog Devices ADP3193A Datasheet HTML 18Page - Analog Devices ADP3193A Datasheet HTML 19Page - Analog Devices ADP3193A Datasheet HTML 20Page - Analog Devices ADP3193A Datasheet HTML 21Page - Analog Devices ADP3193A Datasheet HTML 22Page - Analog Devices ADP3193A Datasheet HTML 23Page - Analog Devices ADP3193A Datasheet HTML 24Page - Analog Devices ADP3193A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP3193A
Rev. 0 | Page 21 of 32
INDUCTOR DCR TEMPERATURE CORRECTION
When the inductor DCR is used as the sense element and
copper wire is used as the source of the DCR, the user needs to
compensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well-known temperature coefficient (TC)
of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage of
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor DCR. Due to the nonlinear nature of
negative temperature coefficient (NTC) thermistors, Resistors RCS1
and RCS2 are needed. See Figure 11 to linearize the NTC and
produce the desired temperature tracking.
CSSUM
13
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
12
CSREF
11
ADP3193A
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 11. Temperature-Compensation Circuit Values
The following procedure and equations yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given
RCS value.
1.
Select an NTC based on type and value. Because the value
is unknown, use a thermistor with a value close to RCS. The
NTC should also have an initial tolerance of better than 5%.
2.
Based on the type of NTC, find its relative resistance
value at two temperatures. The temperatures that work
well are 50°C and 90°C. These resistance values are called
A (RTH(50°C))/RTH(25°C)) and B (RTH(90°C))/RTH(25°C)). The relative
value of the NTC is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage of change
needed, which in this example is initially 0.39%/°C. These
temperatures are called r1 (1/(1 + TC × (T1 − 25°C)))
and r2 (1/(1 + TC × (T2 − 25°C))), where TC = 0.0039 for
copper, T1 = 50°C, and T2 = 90°C. From this, r1 = 0.9112 and
r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
(
)
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
×
×
×
×
×
×
+
×
×
×
×
=
1
1
1
1
(8)
(
)
CS2
1
CS2
CS1
r
r
A
r
A
r
=
1
1
1
(9)
CS1
CS2
TH
r
r
r
1
1
1
1
=
(10)
Calculate RTH = rTH × RCS, and then select the closest value
thermistor available. In addition, compute a scaling factor (k)
based on the ratio of the actual thermistor value used relative
to the computed one.
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(11)
5.
Calculate values for RCS1 and RCS2 using Equation 12 and
Equation 13.
CS1
CS
CS1
r
k
R
R
×
×
=
(12)
(
)
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
×
=
1
(13)
In this example, RCS is calculated to be 114 kΩ. Look for an
available 100 kΩ, 0603-size thermistor. One such thermistor
is the Vishay NTHS0603N01N1003JR NTC thermistor with
A = 0.3602 and B = 0.09174. From these values, rCS1 = 0.3795,
rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kΩ; therefore, 100 kΩ is chosen,
making k = 0.816. Next, find RCS1 and RCS2 to be 35.3 kΩ and
87.9 kΩ. Finally, choose the closest 1% resistor values, which
yields a choice of 35.7 kΩ and 88.7 kΩ.
OUTPUT OFFSET
The Intel specification requires that with no load the nominal
output voltage of the regulator be offset to a value lower than the
nominal voltage corresponding to the VID code. The offset is
set by a constant current source flowing out of the FB pin (IFB)
and flowing through RB. The value of R
B
B
B
can be found using
Equation 14.
FB
ONL
VID
B
I
V
V
R
=
(14)
Ω
k
27
.
1
μA
15
V
381
.
1
V
4
.
1
=
=
B
R
The closest standard 1% resistor value is 1.27 kΩ.


Similar Part No. - ADP3193A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3193AJCPZ-RL ONSEMI-ADP3193AJCPZ-RL Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results

Similar Description - ADP3193A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Fairchild Semiconductor
FAN5033 FAIRCHILD-FAN5033 Datasheet
873Kb / 39P
   8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com