Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1185ARMZ-1REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1185ARMZ-1REEL7
Description  Quad Voltage Monitor and Sequencer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ-1REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1185ARMZ-1REEL7 Datasheet HTML 2Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 3Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 4Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 5Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 6Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 7Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 8Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 9Page - Analog Devices ADM1185ARMZ-1REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1185
Rev. 0 | Page 6 of 16
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
SUPPLY VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
5
10
15
20
25
30
35
40
45
05.5
280
260
240
220
200
180
160
140
120
2.7
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
VOLTAGE (V)
VIN4 TO PWRGD DELAY
100mV OVERDRIVE
VIN1 TO OUT1 DELAY
Figure 4. Supply Current vs. Supply Voltage
50
0
5
10
15
20
25
30
35
40
45
–40
90
70
80
60
50
40
30
20
10
0
–10
–20
–30
TEMPERATURE (°C)
VCC = 2.7V
VCC = 3.3V
VCC = 5V
Figure 5. Supply Current vs. Temperature
280
260
240
220
200
180
160
140
120
–40 –30 –20 –10
0
90
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
VIN1 TO OUT1 DELAY
VIN4 TO PWRGD DELAY
VCC = 3.3V, 100mV OVERDRIVE
Figure 6. VIN1/VIN4 to OUT1/PWRGD Rising Delay vs. Temperature
Figure 7. VIN1/VIN4 to OUT1/PWRGD Rising Delay vs. Supply Voltage
50
45
40
35
30
25
20
15
10
5
0
–40
90
80
70
60
50
40
30
20
010
–10
–20
–30
TEMPERATURE (°C)
VIN3 TO OUT3 DELAY
VIN2 TO OUT2 DELAY
VCC = 3.3V, 100mV OVERDRIVE
Figure 8. VIN2/VIN3 to OUT2/OUT3 Rising Delay vs. Temperature
50
45
40
35
30
25
20
15
10
5
0
2.7
5.5
5.1 5.3
4.9
4.7
4.5
4.3
4.1
3.9
3.5 3.7
3.3
3.1
2.9
VOLTAGE (V)
VIN3 TO OUT3 DELAY
VIN2 TO OUT2 DELAY
100mV OVERDRIVE
Figure 9. VIN2/VIN3 to OUT2/OUT3 Rising Delay vs. Supply Voltage


Similar Part No. - ADM1185ARMZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185ARMZ AD-ADM1185ARMZ Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
More results

Similar Description - ADM1185ARMZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
   Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com