Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5570 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADL5570
Description  2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADL5570 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5570 Datasheet HTML 2Page - Analog Devices ADL5570 Datasheet HTML 3Page - Analog Devices ADL5570 Datasheet HTML 4Page - Analog Devices ADL5570 Datasheet HTML 5Page - Analog Devices ADL5570 Datasheet HTML 6Page - Analog Devices ADL5570 Datasheet HTML 7Page - Analog Devices ADL5570 Datasheet HTML 8Page - Analog Devices ADL5570 Datasheet HTML 9Page - Analog Devices ADL5570 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADL5570
Preliminary Technical Data
Rev. Pr
G | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, 1024 FFT, 16 QAM OFDMA modulated carrier, 10 MHz Channel BW, ZL = 50 Ω, MODE = 0 V, STBY = 0 V, VREG = 2.85 V,
33% duty cycle, unless otherwise noted.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15
20
25
30
OUTPUT POWER (dBm)
Figure 3.Burst RMS Current vs. POUT, at 2.35 GHz, Vcc=3.5V
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
OUTPUT POWER (dBm)
Vcc = 5V
Vcc =3.5V
Figure 4. EVM vs. POUT at 2.35 GHz.
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
5
VCC1
6
RFIN
7
GND
8
VREG
15 RFOUT
16 NC
14 RFOUT
13 NC
TOP VIEW
(Not to Scale)
ADL5571
Figure 5. WiMax Spectrum with FCC Spectral Mask limits applied at
2.35Ghz, Vcc=3.5V, Pout=25dBm.
23
24
25
26
27
28
29
30
31
2280
2300
2320
2340
2360
2380
2400
2420
FREQUENCY (Mhz)
Vcc=3.5V
Vcc=5V
Figure 6. Gain vs. Frequency at PIN= −2 dBm
21
22
23
24
25
26
27
28
29
30
31
0
5
10
15
20
25
30
OUTPUT POWER (dBm)
Vcc =5V
Vcc =3.5V
Figure 7. Gain vs Output Power at 2.35 GHz
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0
5
10
15
20
25
30
35
OUTPUT POWER (dBm)
2300 Mhz
2350 Mhz
2400 Mhz
Figure 8.EVM vs. Output Power at Vcc=3.5V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LX5514InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1 2 Microsemi Corporation
PA2423L-EK1RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
PA2423URangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
PA2423U-EK1RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
CMM23212.4 to 2.5 GHz 1 Watt Power Amplifier 1 2 3 4 5 Mimix Broadband
SST12LP142.4 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST12LP102.4 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SZA-50444.9 - 5.9 GHz 5V Power Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
XP1027-BD27.0-33.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 Mimix Broadband
MC-78941 GHz CATV 24 dB POWER DOUBLER AMPLIFIER 1 2 3 4 5 California Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn