Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5570 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADL5570
Description  2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

ADL5570 Datasheet(HTML) 4 Page - Analog Devices

  ADL5570 Datasheet HTML 1Page - Analog Devices ADL5570 Datasheet HTML 2Page - Analog Devices ADL5570 Datasheet HTML 3Page - Analog Devices ADL5570 Datasheet HTML 4Page - Analog Devices ADL5570 Datasheet HTML 5Page - Analog Devices ADL5570 Datasheet HTML 6Page - Analog Devices ADL5570 Datasheet HTML 7Page - Analog Devices ADL5570 Datasheet HTML 8Page - Analog Devices ADL5570 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADL5570
Preliminary Technical Data
Rev. Pr
G| Page 4 of 10
TARGET SPECIFICATIONS - VCC = 5 V
T = 25°C, 1024 FFT, 16 QAM OFDMA modulated carrier, 10 MHz Channel BW, ZL = 50 Ω, MODE = 0 V, STBY = 0 V, VREG = 2.85 V,
33% duty cycle, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
Frequency Range
See table 5 for tuning details
2.3
2.4
GHz
Linear Output Power
MODE = 0 V, EVM
≤ 3%
27.5
dBm
MODE = 2.5 V, EVM
≤ 3 %
10
dBm
Gain
28
dB
vs. Frequency
±5 MHz
±0.3
dB
vs. Temp
−40°C ≤ TA ≤ +85°C
±0.5
dB
vs. Supply
4.5 V to 5.5 V
±1
dB
OP1dB
Unmodulated input
32
dBm
EVM
POUT = 27.5 dBm
3
% rms
Input Return Loss
10
dB
Spectral Mask @ 25dBm
Output Power
±5MHz carrier offset
38
dBc
±6 MHz carrier offset
39
dBc
±10.5 MHz carrier offset
43
dBc
±20 MHz carrier offset
49
dBc
Harmonic Distortion
36
dBc
Power Supply Interface
VCC = 5 V
Supply Current
POUT = 27.5 dBm, MODE = 0 V
300
mA
POUT = 13 dBm, MODE = 2.5 V
115
mA
PAE
POUT = 27.5 dBm, MODE = 0 V
16
%
Standby Mode
VREG = 2.85 V, STBY = 2.5 V
10
mA
Sleep Mode
VREG = 0 V
10
μA
Turn On/Off Time
1
μs
VSWR Survivability
10:1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LX5514InGaP HBT 2.3 - 2.5 GHz Power Amplifier 1 2 Microsemi Corporation
PA2423L-EK1RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
PA2423URangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
PA2423U-EK1RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit 1 2 3 4 5 MoreSiGe Semiconductor, Inc.
CMM23212.4 to 2.5 GHz 1 Watt Power Amplifier 1 2 3 4 5 Mimix Broadband
SST12LP142.4 GHz Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SST12LP102.4 GHz High-Linearity Power Amplifier 1 2 3 4 5 MoreSilicon Storage Technology, Inc
SZA-50444.9 - 5.9 GHz 5V Power Amplifier 1 2 3 4 5 MoreSIRENZA MICRODEVICES
XP1027-BD27.0-33.0 GHz GaAs MMIC Power Amplifier 1 2 3 4 5 Mimix Broadband
MC-78941 GHz CATV 24 dB POWER DOUBLER AMPLIFIER 1 2 3 4 5 California Eastern Labs

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn