Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9747BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9747BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9747BCPZ Datasheet HTML 1Page - Analog Devices AD9747BCPZ Datasheet HTML 2Page - Analog Devices AD9747BCPZ Datasheet HTML 3Page - Analog Devices AD9747BCPZ Datasheet HTML 4Page - Analog Devices AD9747BCPZ Datasheet HTML 5Page - Analog Devices AD9747BCPZ Datasheet HTML 6Page - Analog Devices AD9747BCPZ Datasheet HTML 7Page - Analog Devices AD9747BCPZ Datasheet HTML 8Page - Analog Devices AD9747BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 3 of 28
SPECIFICATIONS
DC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, full-scale digital input, maximum
sample rate, unless otherwise noted.
Table 1. AD9741, AD9743, and AD9745
AD9741
AD9743
AD9745
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
10
12
Bits
ACCURACY
Differential Nonlinearity (DNL)
±0.03
±0.05
±0.13
LSB
Integral Nonlinearity (INL)
±0.05
±0.10
±0.25
LSB
MAIN DAC OUTPUTS
Offset Error
±0.001
±0.001
±0.001
%FSR
Offset Error Temperature Coefficient
1.0
1.0
1.0
ppm/°C
Gain Error
±2.0
±2.0
±2.0
%FSR
Gain Error Temperature Coefficient
100
100
100
ppm/°C
Gain Matching (DAC1 to DAC2)
±1.0
±1.0
±1.0
%FSR
Full-Scale Output Current
8.6
31.7
8.6
31.7
8.6
31.7
mA
Output Compliance Voltage
−1.0
+1.0
−1.0
+1.0
−1.0
+1.0
V
Output Resistance
10
10
10
AUXILIARY DAC OUTPUTS
Resolution
10
10
10
Bits
Full-Scale Output Current
−2.0
+2.0
−2.0
+2.0
−2.0
+2.0
mA
Output Compliance Voltage Range—Sink Current
0.8
1.6
0.8
1.6
0.8
1.6
V
Output Compliance Voltage Range—Source Current
0
1.6
0
1.6
0
1.6
V
Output Resistance
1
1
1
Monotonicity
10
10
10
Bits
REFERENCE INPUT/OUTPUT
Output Voltage
1.2
1.2
1.2
V
Output Voltage Temperature Coefficient
10
10
10
ppm/°C
External Input Voltage Range
1.15
1.3
1.15
1.3
1.15
1.3
V
Input or Output Resistance
5
5
5
POWER SUPPLY VOLTAGES
AVDD33, DVDD33
3.13
3.47
3.13
3.47
3.13
3.47
V
CVDD18, DVDD18
1.70
1.90
1.70
1.90
1.70
1.90
V
POWER SUPPLY CURRENTS
IAVDD33
56
60
56
60
56
60
mA
IDVDD33
10
14
10
14
11
15
mA
ICVDD18
18
22
18
22
18
22
mA
IDVDD18
28
32
29
33
30
34
mA
POWER DISSIPATION
fDAC = 250 MSPS, fOUT = 20 MHz
300
345
300
345
305
350
mW
DAC Outputs Disabled
115
115
120
mW
Full Device Power-Down
3
3
3
mW
OPERATING TEMPERATURE
−40
+85
−40
+85
−40
+85
°C


Similar Part No. - AD9747BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results

Similar Description - AD9747BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com