Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9745BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9745BCPZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9745BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9745BCPZ Datasheet HTML 4Page - Analog Devices AD9745BCPZ Datasheet HTML 5Page - Analog Devices AD9745BCPZ Datasheet HTML 6Page - Analog Devices AD9745BCPZ Datasheet HTML 7Page - Analog Devices AD9745BCPZ Datasheet HTML 8Page - Analog Devices AD9745BCPZ Datasheet HTML 9Page - Analog Devices AD9745BCPZ Datasheet HTML 10Page - Analog Devices AD9745BCPZ Datasheet HTML 11Page - Analog Devices AD9745BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect to
Rating
AVDD33, DVDD33
AVSS DVSS
CVSS
−0.3 V to +3.6 V
DVDD18, CVDD18
AVSS DVSS
CVSS
−0.3 V to +1.98 V
AVSS
DVSS CVSS
−0.3 V to +0.3 V
DVSS
AVSS CVSS
−0.3 V to +0.3 V
CVSS
AVSS DVSS
−0.3 V to +0.3 V
REFIO
AVSS
−0.3 V to AVDD33 + 0.3 V
IOUT1P, IOUT1N, IOUT2P,
IOUT2P, AUX1P, AUX1N,
AUX2P, AUX2N
AVSS
−1.0 V to AVDD33 + 0.3 V
P1D15 to P1D0,
P2D15 to P2D0
DVSS
−0.3 V to DVDD33 + 0.3 V
CLKP, CLKN
CVSS
−0.3 V to CVDD18 + 0.3 V
RESET, CSB, SCLK, SDIO, SDO
DVSS
–0.3 V to DVDD33 + 0.3 V
Junction Temperature
125°C
Storage Temperature
−65°C to +150°C
THERMAL RESISTANCE
Thermal resistance tested using JEDEC standard 4-layer
thermal test board with no airflow.
Table 7.
Package Type
θJA
Unit
CP-72-1 (Exposed Pad Soldered to PCB)
25
°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD9745BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results

Similar Description - AD9745BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com