Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C0.34HCH Datasheet(PDF) 2 Page - Belden Inc.

Part # 10C0.34HCH
Description  MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

10C0.34HCH Datasheet(HTML) 2 Page - Belden Inc.

  10C0.34HCH Datasheet HTML 1Page - Belden Inc. 10C0.34HCH Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Installation Min.
Flexing Min.
39 mm (1.5 in)
97.5 mm (3.84 in)
Bulk Cable Weight:
65 kg/km (44 lbs/1000ft)
Standards and Compliance
Environmental
Suitability:
Sunlight Resistance, UV Resistance
Flammability /
Reaction to Fire:
IEC 60332-1-2, DIN VDE 0482-332-1-2, DIN EN 60332-1-2
ISO/IEC
Compliance:
IEC 60228
CENELEC
Compliance:
EN 50290-2-22EN 50363-4-1
European Halogen
Free Standards:
IEC 60754-1 - Halogen Amount = IEC 60754-1, IEC 60754-2
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2)
Other Standard
Compliance(s):
EN 61034-2, VDE 0812, DIN 47100, BS 6360
Product Notes
Notes:
Smoke/Halogen Properties : IEC 60754-1, IEC 60754-2, VDE 0482-754-1, VDE 0482-754-2
History
Update and
Revision:
Revision Number: 0.27 Revision Date: 01-09-2024
Part Numbers
Variants
Item #
Color
Length
10C0.34HCH 010100M
Black
100 m
10C0.34HCH 010200M
Black
200 m
10C0.34HCH 010300M
Black
300 m
10C0.34HCH 006100M
Blue
100 m
10C0.34HCH 006200M
Blue
200 m
10C0.34HCH 006300M
Blue
300 m
10C0.34HCH F2V100M Gray, RAL 7032 100 m
10C0.34HCH F2V200M Gray, RAL 7032 200 m
10C0.34HCH F2V300M Gray, RAL 7032 300 m
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 10C0.34HCH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.5HH BELDEN-10C0.5HH Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006100M BELDEN-10C0.5HH-006100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006200M BELDEN-10C0.5HH-006200M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006300M BELDEN-10C0.5HH-006300M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-010100M BELDEN-10C0.5HH-010100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
More results

Similar Description - 10C0.34HCH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8678 BELDEN-8678 Datasheet
153Kb / 2P
   Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8471ELV BELDEN-8471ELV Datasheet
152Kb / 3P
   Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, B2ca
11-09-2022
MRTA10P26S BELDEN-MRTA10P26S Datasheet
147Kb / 2P
   MachFlex™ Robotic Multi-Pair Control, 10 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8471ELW BELDEN-8471ELW Datasheet
152Kb / 3P
   Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, Cca
11-09-2022
8760NH BELDEN-8760NH Datasheet
153Kb / 2P
   Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt
03-04-2023
MRTA10P24S BELDEN-MRTA10P24S Datasheet
147Kb / 2P
   MachFlex™ Robotic Multi-Pair Control, 10 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA10P23S BELDEN-MRTA10P23S Datasheet
147Kb / 2P
   MachFlex™ Robotic Multi-Pair Control, 10 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8719NH BELDEN-8719NH Datasheet
165Kb / 2P
   Electronic, 2 C #16 Str TC, PE Ins, OS, LSZH Jkt, Dca
03-04-2023
8760ELV BELDEN-8760ELV Datasheet
147Kb / 2P
   Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt B2ca
03-06-2023
8760ELW BELDEN-8760ELW Datasheet
152Kb / 2P
   Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt, Cca
03-06-2023
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
   Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com