Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8153-EVALZ Datasheet(PDF) 15 Page - Analog Devices

Part No. AD8153-EVALZ
Description  3.2 Gbps Single Buffered Mux/Demux Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8153-EVALZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8153-EVALZ Datasheet HTML 11Page - Analog Devices AD8153-EVALZ Datasheet HTML 12Page - Analog Devices AD8153-EVALZ Datasheet HTML 13Page - Analog Devices AD8153-EVALZ Datasheet HTML 14Page - Analog Devices AD8153-EVALZ Datasheet HTML 15Page - Analog Devices AD8153-EVALZ Datasheet HTML 16Page - Analog Devices AD8153-EVALZ Datasheet HTML 17Page - Analog Devices AD8153-EVALZ Datasheet HTML 18Page - Analog Devices AD8153-EVALZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8153
Rev. 0 | Page 15 of 24
I2C SERIAL CONTROL INTERFACE
REGISTER SET
The AD8153 can be controlled in one of three modes: pin
mode, serial mode, and mixed mode. In pin mode, the AD8153
control is derived from the package pins, whereas in serial
mode a set of internal registers controls the AD8153. There is
also a mixed mode where switching is controlled via external
pins, and equalization and pre-emphasis are controlled via the
internal registers. The methods for writing data to and reading
data from the AD8153 are described in the I2C Data Write
section and the I2C Data Read section.
The mode is controlled via the MODE pin. To set the part in
pin mode, MODE should be driven low to VEE. When MODE
is driven high to VCC, the part is set to serial or mixed mode.
In pin mode, all controls are derived from the external pins. In
serial mode, each channel’s equalization and pre-emphasis are
controlled only through the registers, as described in Table 8.
Additionally, further functionality is available in serial mode as
each channel’s output can be enabled/disabled with the Output
Enable control bits, which is not possible in pin mode. To
change the switching in the AD8153 to serial mode, the mask
bits (Register 0x00) must be set to 1 by writing the value 0x1F to
this register, as explained in the following sections. Once all the
mask bits are set to 1, switching is controlled via the LB_A,
LB_B, LB_C, SEL, and BICAST bits in the register set.
In mixed mode, each channel’s equalization and pre-emphasis
are controlled through the registers as described above. The
switching, however, can be controlled using either the external
pins or the internal register set. The source of the control is
selected using the mask bits (Register 0x00). If a mask bit is set
to 0, the external pin acts as the source for that specific control.
If a mask bit is set to 1, the associated internal register acts as
the source for that specific control. As an example, if Register 0x00
were set to the value 0x0C, the SEL and LB_C controls would
come from the internal register set (Bit 0 of Register 0x04 and Bit
3 of Register 0x03, respectively), and the BICAST, LB_A, and
LB_B controls would come from the external pins.
GENERAL FUNCTIONALITY
The AD8153 register set is controlled through a 2-wire I2C
interface. The AD8153 acts only as an I2C slave device. Therefore,
the I2C bus in the system needs to include an I2C master to
configure the AD8153 and other I2C devices that may be on the
bus. When the MODE pin is set to a Logic 1, data transfers are
controlled through the use of the two I2C wires: the input clock
pin, SCL, and the bidirectional data pin, SDA.
The AD8153 I2C interface can be run in the standard (100 kHz)
and fast (400 kHz) modes. The SDA line only changes value
when the SCL pin is low with two exceptions. To indicate the
beginning or continuation of a transfer, the SDA pin is driven
low while the SCL pin is high, and to indicate the end of a
transfer, the SDA line is driven high while the SCL line is high.
Therefore, it is important to control the SCL clock to only
toggle when the SDA line is stable unless indicating a start,
repeated start, or stop condition.
Table 8. Register Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
00000000
(0x00)
BICAST MASK
SEL MASK
LB_C MASK
LB_B MASK
LB_A MASK
00000000
(0x00)
00000001
(0x01)
OUTPUT DISABLE A
LB_A
EQ_A
PE_A [1]
PE_A [0]
00000000
(0x00)
00000010
(0x02)
OUTPUT DISABLE B
LB_B
EQ_B
PE_B [1]
PE_B [0]
00000000
(0x00)
00000011
(0x03)
OUTPUT DISABLE C
LB_C
EQ_C
PE_C [1]
PE_C [0]
00000000
(0x00)
0000100
(0x04)
BICAST
SEL
00000000
(0x00)


Similar Part No. - AD8153-EVALZ

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
More results

Similar Description - AD8153-EVALZ

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
228Kb / 18P
   Single Buffered Switch 3.2 Gbps
Rev. PrA
AD8159 AD-AD8159 Datasheet
595Kb / 24P
   3.2 Gbps Quad Buffer Mux/Demux
REV. A
ON Semiconductor
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NLAS3257 ONSEMI-NLAS3257 Datasheet
73Kb / 7P
   Mux / Demux Analog Switch
December, 2015 ??Rev. 1
Analog Devices
Analog Devices
AD8158 AD-AD8158 Datasheet
707Kb / 36P
   6.5 Gbps Quad Buffer Mux/Demux
REV. 0
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz