Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7367BRUZ-500RL7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7367BRUZ-500RL7
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367BRUZ-500RL7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7367BRUZ-500RL7 Datasheet HTML 20Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 21Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 22Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 23Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 24Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 25Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 26Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 27Page - Analog Devices AD7367BRUZ-500RL7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 25 of 28
Table 13. The SPORT0 Receive Configuration 1 Register
(SPORT0_RCR1)
Setting
Description
RCKFE = 1
Sample data with falling edge of RSCLK
LRFS = 1
Active low frame signal
RFSR = 1
Frame every word
IRFS = 1
Internal RFS used
RLSBIT = 0
Receive MSB first
RDTYPE = 00
Zero fill
IRCLK = 1
Internal receive clock
RSPEN = 1
Receive enabled
SLEN = 1111
16-bit data-word (or can be set to 1101 for
14-bit data-word)
TFSR = RFSR = 1
Table 14. The SPORT0 Receive Configuration 2 Register
(SPORT0_RCR2)
Setting
Description
RXSE = 1
Secondary side enabled
SLEN = 1111
16-bit data-word (or can be set to 1101 for
14-bit data-word)
AD7366/AD7367 TO TMS320VC5506
The serial interface on the TMS320VC5506 uses a continuous
serial clock and frame synchronization signals to synchronize
the data transfer operations with peripheral devices like the
AD7366/AD7367. The CS input allows easy interfacing between
the TMS320VC5506 and the AD7366/AD7367 without any glue
logic required. The serial ports of the TMS320VC5506 are set
up to operate in burst mode with internal CLKX0 (TX serial
clock on Serial Port 0) and FSX0 (TX frame sync from Serial
Port 0). The serial port control registers (SPC) must be setup
as shown in Table 15.
Table 15. Serial Port Control Register Set Up
SPC
FO
FSM
MCM
TXM
SPC0
0
1
1
1
SPC1
0
1
0
0
The connection diagram is shown in Figure 31. The VDRIVE pin
of the AD7366/AD7367 takes the same supply voltage as that
of the TMS320VC5506. This allows the ADC to operate at a
higher voltage than its serial interface and, therefore, the
TMS320VC5506, if necessary.
FSR1
FSR0
AD7366/
AD7367*
SCLK
TMS320VC5506*
*ADDITIONAL PINS OMITTED FOR CLARITY.
CLKX0
DR1
CLKR1
CLKX1
DOUTB
DOUTA
VDRIVE
VDD
CS
FSX0
DR0
CLKR0
INTn
XF
CNVST
BUSY
Figure 31. Interfacing the AD7366/AD7367 to the TMS320VC5506
As with the previous interfaces, conversion can be initiated
from the TMS320VC5506 or from an external source, and the
processor is interrupted when the conversion sequence is
completed.
AD7366/AD7367 TO DSP563xx
The connection diagram in Figure 32 shows how the AD7366/
AD7367 can be connected to the enhanced synchronous serial
interface (ESSI) of the DSP563xx family of DSPs from Motorola.
There are two on-board ESSIs, and each is operated in synchro-
nous mode (Bit SYN = 1 in the CRB register) with internally
generated word length frame sync for both TX and RX (Bit
FSL1 = 0 and Bit FSL0 = 0 in the CRB register).
Normal operation of the ESSI is selected by making MOD = 0
in the CRB register. Set the word length to 16 by setting Bit
WL1 = 1 and Bit WL0 = 0 in the CRA register. The FSP bit in
the CRB register should be set to 1 so that the frame sync is
negative.


Similar Part No. - AD7367BRUZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

Similar Description - AD7367BRUZ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com