Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7367BRUZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7367BRUZ
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367BRUZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7367BRUZ Datasheet HTML 14Page - Analog Devices AD7367BRUZ Datasheet HTML 15Page - Analog Devices AD7367BRUZ Datasheet HTML 16Page - Analog Devices AD7367BRUZ Datasheet HTML 17Page - Analog Devices AD7367BRUZ Datasheet HTML 18Page - Analog Devices AD7367BRUZ Datasheet HTML 19Page - Analog Devices AD7367BRUZ Datasheet HTML 20Page - Analog Devices AD7367BRUZ Datasheet HTML 21Page - Analog Devices AD7367BRUZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 18 of 28
Unlike other bipolar ADCs, the AD7366/AD7367 do not have
a resistive analog input structure. On the AD73667/AD7366,
the bipolar analog signal is sampled directly onto the sampling
capacitor. This gives the AD7366/AD7367 high analog input
impedance. The analog input impedance can be calculated from
the following formula:
Z = 1/(fS × CS)
where:
fS is the sampling frequency.
CS is the sampling capacitor value.
CS depends on the analog input range chosen (see the Analog
Inputs section). When operating at 1 MSPS, the analog input
impedance is typically 260 kΩ for the ±10 V range. As the
sampling frequency is reduced, the analog input impedance
further increases. As the analog input impedance increases, the
current required to drive the analog input therefore decreases
(see Figure 7 for more information).
TYPICAL CONNECTION DIAGRAM
Figure 20 shows a typical connection diagram for the AD7366/
AD7367. In this configuration, the AGND pin is connected
to the analog ground plane of the system, and the DGND pin
is connected to the digital ground plane of the system. The
analog inputs on the AD7366/AD7367 accept bipolar single-
ended signals. The AD7366/AD7367 can operate with either
an internal or an external reference. In Figure 20, the AD7366/
AD7367 is configured to operate with the internal 2.5 V reference.
A 680 nF decoupling capacitor is required when operating with
the internal reference.
The AVDD and DVDD pins are connected to a 5 V supply voltage.
The VDD and VSS are the dual supplies for the high voltage analog
input structures. The voltage on these pins must be equal to
or greater than ±11.5 V (see Table 8 for more information). The
VDRIVE pin is connected to the supply voltage of the micro-
processor. The voltage applied to the VDRIVE input controls the
voltage of the serial interface. VDRIVE can be set to 3 V or 5 V.
AD7366/
AD7367
CS
VDRIVE
10µF
0.1µF
++
+3V OR +5V SUPPLY
+11.5V TO +16.5V
SUPPLY
–16.5V TO –11.5V
SUPPLY
+5V SUPPLY
DVCC AVCC
BUSY
CNVST
REFSEL
VDRIVE
DCAPA
DCAPB
ADDR
ANALOG INPUTS ±10V,
±5V, AND 0V TO +10V
680nF
680nF
SCLK
DOUTA
DOUTB
DGND
AGND
VSS
VB1
VB2
VA1
VDD
VA2
10µF
0.1µF
+
+
0.1µF
+
10µF
+
0.1µF
+
SERIAL
INTERFACE
10µF
+
0.1µF
+
+
+
Figure 20. Typical Connection Diagram Using Internal Reference


Similar Part No. - AD7367BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367BRUZ AD-AD7367BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ AD-AD7367BRUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367BRUZ-REEL7 AD-AD7367BRUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

Similar Description - AD7367BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7322 AD-AD7322 Datasheet
725Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com