Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7764 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7764
Description  24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7764 Datasheet(HTML) 5 Page - Analog Devices

  AD7764_07 Datasheet HTML 1Page - Analog Devices AD7764_07 Datasheet HTML 2Page - Analog Devices AD7764_07 Datasheet HTML 3Page - Analog Devices AD7764_07 Datasheet HTML 4Page - Analog Devices AD7764_07 Datasheet HTML 5Page - Analog Devices AD7764_07 Datasheet HTML 6Page - Analog Devices AD7764_07 Datasheet HTML 7Page - Analog Devices AD7764_07 Datasheet HTML 8Page - Analog Devices AD7764_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7764
Rev. 0 | Page 5 of 32
Parameter
Test Conditions/Comments
Specification
Unit
REFERENCE INPUT/OUTPUT
VREF Input Voltage
AVDD3 = 5 V ± 5%
4.096
V
VREF Input DC Leakage Current
±1
μA max
VREF Input Capacitance
5
pF typ
DIGITAL INPUT/OUTPUT
MCLK Input Amplitude
2.25 to 5.25
V
Input Capacitance
7.3
pF typ
Input Leakage Current
±1
μA/pin max
VINH
0.8 × DVDD
V min
VINL
0.2 × DVDD
V max
VOH4
2.2
V min
VOL
0.1
V max
ON-CHIP DIFFERENTIAL AMPLIFIER
Input Impedance
>1
Bandwidth for 0.1 dB Flatness
125
kHz
Common-Mode Input Voltage
Voltage range at input pins: VINA+ and VINA−
−0.5 to +2.2
V
Common-Mode Output Voltage
On-chip differential amplifier pins: VOUT+ and VOUT
2.048
V
POWER REQUIREMENTS
AVDD1 (Modulator Supply)
±5%
2.5
V
AVDD2 (General Supply)
±5%
5
V
AVDD3 (Differential Amplifier Supply)
±5%
5
V min/max
AVDD4 (Ref Buffer Supply)
±5%
5
V min/max
DVDD
±5%
2.5
V
Normal Power Mode
AIDD1 (Modulator)
19
mA typ
AIDD2 (General)5
MCLK = 40 MHz
13
mA typ
AIDD3 (Differential Amplifier)
AVDD3 = 5 V
10
mA typ
AIDD4 (Reference Buffer)
AVDD4 = 5 V
9
mA typ
DIDD5
MCLK = 40 MHz
37
mA typ
Low Power Mode
AIDD1 (Modulator)
10
mA typ
AIDD2 (General) 5
MCLK = 40 MHz
7
mA typ
AIDD3 (Differential Amplifier)
AVDD3 = 5 V
5.5
mA typ
AIDD4 (Reference Buffer)
AVDD4 = 5 V
5
mA typ
DIDD5
MCLK = 40 MHz
20
mA typ
POWER DISSIPATION
Normal Power Mode
300
mW typ
MCLK = 40 MHz, decimate 64×
371
mW max
Low Power Mode
MCLK = 40 MHz, decimate 64×
160
mW typ
215
mW max
Power-Down Mode6
PWRDWN held logic low
1
mW typ
1 See Terminology section.
2 SNR specifications in decibels are referred to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
3 Output Data Rate (ODR) = [(MCLK/2)]/Decimation Rate. That is, the maximum ODR for AD7764 = [(40 MHz)/2)/64] = 312.5 kHz.
4 Tested with a 400 μA load current.
5 Tested at MCLK = 40 MHz. This current scales linearly with MCLK frequency applied.
6 Tested at 125°C.


Similar Part No. - AD7764_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764BRUZ AD-AD7764BRUZ Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7764BRUZ AD-AD7764BRUZ Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7764BRUZ-REEL7 AD-AD7764BRUZ-REEL7 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results

Similar Description - AD7764_07

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
330Kb / 21P
   24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Rev. PrC
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com