Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B84299-K21-E Datasheet(PDF) 2 Page - EPCOS

Part No. B84299-K21-E
Description  2-Line Filters for Installations and Systems
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B84299-K21-E Datasheet(HTML) 2 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
208 03/01
2-Line Filters
B84299-K26
B84299-K21-E
for Installations and Systems
Technical data
Characteristics and ordering codes
× = approval granted
Rated voltage VR
250 V~, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage VP
1414 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Leakage current l leak
at 230 V~, 50 Hz
Climatic category
In accordance with EN 60068-1
25/085/21 (– 25
°C/+ 85 °C/21 days damp heat test)
IR
A
Terminal
cross sect.
mm2
Approx.
weight
kg
l leak
mA
Ordering code
Approvals
10
25
4
4
1
1,8
< 3,5
< 3,5
B84299-K21-E
B84299-K26
×
×


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn