Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIOV-S05K140E2 Datasheet(PDF) 6 Page - EPCOS

Part # SIOV-S05K140E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

SIOV-S05K140E2 Datasheet(HTML) 6 Page - EPCOS

Back Button SIOV-S05K140E2 Datasheet HTML 2Page - EPCOS SIOV-S05K140E2 Datasheet HTML 3Page - EPCOS SIOV-S05K140E2 Datasheet HTML 4Page - EPCOS SIOV-S05K140E2 Datasheet HTML 5Page - EPCOS SIOV-S05K140E2 Datasheet HTML 6Page - EPCOS SIOV-S05K140E2 Datasheet HTML 7Page - EPCOS SIOV-S05K140E2 Datasheet HTML 8Page - EPCOS SIOV-S05K140E2 Datasheet HTML 9Page - EPCOS SIOV-S05K140E2 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
180 04/02
S10K385E2
B72210S2381K101
385
505
3500
67,0
0,40
S14K385E2
B72214S2381K101
385
505
5000
136,0
0,60
S20K385E2
B72220S2381K101
385
505
10000
273,0
1,00
S10K420E2
B72210S2421K101
420
560
3500
67,0
0,40
S14K420E2
B72214S2421K101
420
560
5000
136,0
0,60
S20K420E2
B72220S2421K101
420
560
10000
273,0
1,00
S10K460E2
B72210S2461K101
460
615
3500
70,0
0,40
S14K460E2
B72214S2461K101
460
615
5000
150,0
0,60
S20K460E2
B72220S2461K101
460
615
10000
300,0
1,00
S10K510E2
B72210S2511K101
510
670
3500
80,0
0,40
S14K510E2
B72214S2511K101
510
670
5000
165,0
0,60
S20K510E2
B72220S2511K101
510
670
10000
325,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
AdvanceD Series
Leaded Varistors


Similar Part No. - SIOV-S05K140E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIOV-S05K140G EPCOS-SIOV-S05K140G Datasheet
226Kb / 16P
   Leaded Varistors Taping
SIOV-S05K140GS2 EPCOS-SIOV-S05K140GS2 Datasheet
226Kb / 16P
   Leaded Varistors Taping
More results

Similar Description - SIOV-S05K140E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com