Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM27SGC08 Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. AM27SGC08
Description  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM27SGC08 Datasheet(HTML) 4 Page - Kingbright Corporation

  AM27SGC08 Datasheet HTML 1Page - Kingbright Corporation AM27SGC08 Datasheet HTML 2Page - Kingbright Corporation AM27SGC08 Datasheet HTML 3Page - Kingbright Corporation AM27SGC08 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAC1564
REV NO: V.2
DATE: MAR/09/2005
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1202000349
AM27SGC08
Recommended Soldering Pattern
(Units : mm)
Tape Specifications
(Units : mm)
Remarks:
If there is sorting requirement (eg. forward voltage, luminous intensity or wavelength), the condition as follows:
1.Wavelength: +/-1nm (Test condition is based on the sorting standard).
2.Luminous intensity: +/-15% (Test condition is based on the sorting standard).
3.Forward voltage: +/-0.1V (Test condition is based on the sorting standard).


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AM2520MBCK09 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM27SEC09 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM27SECK03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  5  Kingbright Corporation
AM27SECK08 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM27SECK09 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  5  Kingbright Corporation
AM27SGC03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  5  Kingbright Corporation
AM2520SEC03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM2520MBCK03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM2520MBCK08 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
WP7104EC T-1 3mm SOLID STATE LAMP 1  2  3  4  5  More Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn