Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM27SECK09 Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. AM27SECK09
Description  SUBMINIATURE SOLID STATE LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM27SECK09 Datasheet(HTML) 3 Page - Kingbright Corporation

  AM27SECK09 Datasheet HTML 1Page - Kingbright Corporation AM27SECK09 Datasheet HTML 2Page - Kingbright Corporation AM27SECK09 Datasheet HTML 3Page - Kingbright Corporation AM27SECK09 Datasheet HTML 4Page - Kingbright Corporation AM27SECK09 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD1331
REV NO: V.3
DATE: MAY/08/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1202000336
Super Bright Orange
AM27SECK09


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AM2520MBCK09 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM27SEC09 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM27SECK03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  5  Kingbright Corporation
AM27SECK08 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM2520SEC03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM2520MBCK03 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
AM2520MBCK08 SUBMINIATURE SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
WP7104EC T-1 3mm SOLID STATE LAMP 1  2  3  4  5  More Kingbright Corporation
WP7104SYC T-1 3mm SOLID STATE LAMP 1  2  3  4  Kingbright Corporation
WP7104YT T-1 3mm SOLID STATE LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn