Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL60113 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part No. ZL60113
Description  12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60113 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL60113 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL60113 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ZL60113/4
Data Sheet
6
Zarlink Semiconductor Inc.
Transmitter Control and Status Signals
The following table shows the timing relationships of the status and control signals of the pluggable optical
transmitter.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Control input voltage high1
1. Applies to control signals RESET, Tx_DIS and Tx_EN.
VIH
0.6VCC
V
Control input voltage low
VIL
0.2VCC
V
Control pull-up resistor2
2. Applies to control signals RESET and Tx_EN. Internal pull-up resistor.
RPU
10
k
Control pull-down resistor3
3. Applies to control signal Tx_DIS. Internal pull-down resistor.
RPD1
10
k
Status output voltage low4, 5
4. Applies to status signal FAULT. Internal pull-down to VEE.
5. With status output sink current max. 2 mA.
VOL
0.4
V
Status pull-down resistor4
RPD2
10
k
FAULT assert time
TFA
100
µs
FAULT lasers off
TFD
100
µs
RESET duration
TTDD
10
µs
RESET assert time
TOFF
510
µs
RESET de-assert time
TON
100
ms
Tx_EN assert time
TTEN
1ms
Tx_EN de-assert time
TTD
510
µs
Tx_DIS assert time
TTD
510
µs
Tx_DIS de-assert time
TTEN
1ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn