Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZL60113 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part No. ZL60113
Description  12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60113 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ZL60113/4
Data Sheet
5
Zarlink Semiconductor Inc.
Classified in accordance with IEC 60825-1/A2:2001, IEC 60825-2: 2000
Class 1 M Laser Product
Emitted wavelength: 840 nm
Figure 2 - ZL60113 Transmitter Block Diagram
Front view - MTP key up
Ch12
Ch11
Ch10
Ch9
Ch8
Ch7
Ch6
Ch5
Ch4
Ch3
Ch2
Ch1
Host circuit board
Table 1 - Transmitter Optical Channel Assignment
VCSEL
Driver
VCSEL
Array
VCSEL Driver Controller
1
2
3
4
5
6
7
8
9
10
11
12
DIN1-
DIN1+
DIN12-
DIN12+
Tx_DIS
FAULT
VCC
Tx_EN
RESET
VEE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn