Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZL60113 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part No. ZL60113
Description  12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60113 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ZL60113/4
Data Sheet
4
Zarlink Semiconductor Inc.
ZL60113 Transmitter Specifications
All parameters below require operating conditions according to “Recommended Operating Conditions” on page 3.
Parameter
Symbol
Min.
Max.
Unit
Optical Parameters
Launch power (50/125
µm MMF)1
1. The output optical power is compliant with IEC 60825-1 Amendment 2, Class 1M Accessible Emission Limits.
POUT
-2
dBm
Extinguished output power
POFF
-30
dBm
Extinction ratio
ER
6
dB
Optical modulation amplitude2
2. OMA are peak to peak values.
OMA
0.190
mW
Center wavelength
λC
830
860
nm
Spectral width3
3. Spectral width is measured as defined in EIA/TIA-455-127 Spectral Characterization of Multimode Laser Diodes.
∆λ
0.85
nmrms
Relative intensity noise OMA
RIN12OMA
-120
dB/Hz
Optical output rise time (20 - 80%)
tRO
120
ps
Optical output fall time (20 - 80%)
tFO
120
ps
Total jitter contributed (peak to peak)4
4. Total jitter is TP2 - TP1 as defined in IEEE 802.3 clause 38.6 (Gigabit Ethernet).
TJ
0.32
UI
Deterministic jitter contributed (peak to peak)5
5. Deterministic jitter is informative. The random jitter and deterministic jitter together should be no higher than total jitter.
DJ
0.14
UI
Channel to channel skew6
6. Channel skew is defined for the condition of equal amplitude, zero ps skew signals applied to the transmitter inputs.
tSK
100
ps
Electrical Parameters
Power dissipation
PD
1.5
W
Supply current
ICC
450
mA
Differential input voltage amplitude (peak to peak)7
7. Differential input voltage is defined as the peak to peak value of the differential voltage between DIN+ and DIN-. Data inputs are
CML compatible.
∆VIN
200
1800
mVp-p
Differential input impedance8
8. Differential input impedance is measured between DIN+ and DIN-.
ZIN
80
120
Electrical input rise time (20 - 80%)
tRE
150
ps
Electrical input fall time (20 - 80%)
tFE
150
ps


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn