Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S14K300E2 Datasheet(PDF) 7 Page - EPCOS

Part # S14K300E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S14K300E2 Datasheet(HTML) 7 Page - EPCOS

Back Button S14K300E2 Datasheet HTML 3Page - EPCOS S14K300E2 Datasheet HTML 4Page - EPCOS S14K300E2 Datasheet HTML 5Page - EPCOS S14K300E2 Datasheet HTML 6Page - EPCOS S14K300E2 Datasheet HTML 7Page - EPCOS S14K300E2 Datasheet HTML 8Page - EPCOS S14K300E2 Datasheet HTML 9Page - EPCOS S14K300E2 Datasheet HTML 10Page - EPCOS S14K300E2 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
181 04/02
S10K385E2
620
± 10
1025
25,0
150
255
276
S14K385E2
620
± 10
1025
50,0
240
256
277
S20K385E2
620
± 10
1025
100,0
450
257
278
S10K420E2
680
± 10
1120
25,0
135
255
276
S14K420E2
680
± 10
1120
50,0
220
256
277
S20K420E2
680
± 10
1120
100,0
420
257
278
S10K460E2
750
± 10
1240
25,0
120
255
276
S14K460E2
750
± 10
1240
50,0
200
256
277
S20K460E2
750
± 10
1240
100,0
380
257
278
S10K510E2
820
± 10
1355
25,0
110
255
276
S14K510E2
820
± 10
1355
50,0
180
256
277
S20K510E2
820
± 10
1355
100,0
340
257
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
AdvanceD Series
Leaded Varistors


Similar Part No. - S14K300E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
S14K300E2K1 EPCOS-S14K300E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - S14K300E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com