Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20K275E2 Datasheet(PDF) 3 Page - EPCOS

Part # S20K275E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S20K275E2 Datasheet(HTML) 3 Page - EPCOS

  S20K275E2 Datasheet HTML 1Page - EPCOS S20K275E2 Datasheet HTML 2Page - EPCOS S20K275E2 Datasheet HTML 3Page - EPCOS S20K275E2 Datasheet HTML 4Page - EPCOS S20K275E2 Datasheet HTML 5Page - EPCOS S20K275E2 Datasheet HTML 6Page - EPCOS S20K275E2 Datasheet HTML 7Page - EPCOS S20K275E2 Datasheet HTML 8Page - EPCOS S20K275E2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
177 04/02
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
S05K130E2
205
± 10
340
5,0
100
253
274
S07K130E2
205
± 10
340
10,0
200
254
275
S10K130E2
205
± 10
340
25,0
400
254
276
S14K130E2
205
± 10
340
50,0
650
255
277
S20K130E2
205
± 10
340
100,0
1340
256
278
S05K140E2
220
± 10
360
5,0
95
253
274
S07K140E2
220
± 10
360
10,0
180
254
275
S10K140E2
220
± 10
360
25,0
370
254
276
S14K140E2
220
± 10
360
50,0
610
255
277
S20K140E2
220
± 10
360
100,0
1240
256
278
S05K150E2
240
± 10
395
5,0
90
253
274
S07K150E2
240
± 10
395
10,0
170
254
275
S10K150E2
240
± 10
395
25,0
350
254
276
S14K150E2
240
± 10
395
50,0
570
255
277
S20K150E2
240
± 10
395
100,0
1160
256
278
S05K175E2
270
± 10
455
5,0
75
253
274
S07K175E2
270
± 10
455
10,0
150
254
275
S10K175E2
270
± 10
455
25,0
300
254
276
S14K175E2
270
± 10
455
50,0
490
255
277
S20K175E2
270
± 10
455
100,0
1000
256
278
S05K210E2
330
± 10
545
5,0
65
253
274
S07K210E2
330
± 10
545
10,0
125
254
275
S10K210E2
330
± 10
545
25,0
250
254
276
S14K210E2
330
± 10
545
50,0
410
255
277
S20K210E2
330
± 10
545
100,0
835
256
278
AdvanceD Series
Leaded Varistors


Similar Part No. - S20K275E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
S20K275E3 EPCOS-S20K275E3 Datasheet
80Kb / 4P
   Leaded Varistors SuperioR Series
More results

Similar Description - S20K275E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com