Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144WU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC144WU
Description  NPN resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144WU Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC144WU Datasheet HTML 1Page - NXP Semiconductors PDTC144WU Datasheet HTML 2Page - NXP Semiconductors PDTC144WU Datasheet HTML 3Page - NXP Semiconductors PDTC144WU Datasheet HTML 4Page - NXP Semiconductors PDTC144WU Datasheet HTML 5Page - NXP Semiconductors PDTC144WU Datasheet HTML 6Page - NXP Semiconductors PDTC144WU Datasheet HTML 7Page - NXP Semiconductors PDTC144WU Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 25
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC144WU
FEATURES
• Built-in bias resistors R1 and R2 (typ. 47 kΩ and 22 kΩ
respectively)
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
NPN resistor-equipped transistor in a SC-70 (SOT323)
plastic package. PNP complement: PDTA144WU.
PINNING
PIN
DESCRIPTION
1
base/input
2
emitter/ground
3
collector/output
Fig.1
Simplified outline (SC-70; SOT323) and
symbol.
dbook, 4 columns
MAM134
R1
R2
3
2
1
3
2
1
Top view
Fig.2 Equivalent inverter symbol.
MGA893 - 1
1
3
2
MARKING
Note
1.
∗ = - : Made in Hong Kong.
∗ = t : Made in Malaysia.
TYPE NUMBER
MARKING CODE(1)
PDTC144WU
∗20


Similar Part No. - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WU PHILIPS-PDTC144WU Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WU PHILIPS-PDTC144WU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC144WU PHILIPS-PDTC144WU Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WU NXP-PDTC144WU Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WU PHILIPS-PDTC144WU Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results

Similar Description - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
   NPN resistor-equipped transistor
1998 May 20
PDTC144EU PHILIPS-PDTC144EU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com