Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B72207S1390K201 Datasheet(PDF) 3 Page - EPCOS

Part No. B72207S1390K201
Description  Automotive Series for 42-V Supply Systems Leaded Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B72207S1390K201 Datasheet(HTML) 3 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
199 04/02
Typical marking (schematic representation)
For crimp styles S2 and S5 see page 212
Dimensions
Type
SIOV-
± 1
mm
a
± 1
mm
bmax
mm
smax
mm
hmax
mm
Imin
mm
d
± 0,05
mm
S07V42AUTOS2D1
5,0
1,7
9,0
4,1
12,0
30,0
0,6
S10V42AUTOS5D1
7,5
2,0
12,0
4,8
15,5
30,0
0,8
S14V42AUTOS5D1
7,5
2,1
16,0
4,9
20,0
30,0
0,8
S20V42AUTOS5D1
10,0
2,3
22,0
5,5
27,0
30,0
1,0
Weight
Size
approx.
S07
0,5 g
S10
1,0 g
S14
2,5 g
S20
5,0 g
VAR0408-C
ød
bs
a
e
Bottom view
e
1)
1) Seating plane according to IEC 60717
VAR0553-D
b
ød
s
e
a
VAR0545-M
b
ød
e
s
a
1)
1) Seating plane in accordance with IEC 60717
S10, S14, S20V42AUTOS5D1
S07V42AUTOS2D1
VAR0538-D
S20
V42
AUTO
yyww
VAR0546-U
yyww
AUTO
V42
Date of manufacture
yy
ww
Year
Week
Automotive Series for 42-V Supply Systems
Leaded Varistors


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn