Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APED3820SURCK-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. APED3820SURCK-F01
Description  3.8x2.0mm DOME LENS SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APED3820SURCK-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APED3820SURCK-F01 Datasheet HTML 1Page - Kingbright Corporation APED3820SURCK-F01 Datasheet HTML 2Page - Kingbright Corporation APED3820SURCK-F01 Datasheet HTML 3Page - Kingbright Corporation APED3820SURCK-F01 Datasheet HTML 4Page - Kingbright Corporation APED3820SURCK-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH3747
REV NO: V.1
DATE: APR/26/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203001185
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APED3820SURCK-F01
Hyper Red (InGaAlP)
WATER CLEAR
180
450
60
°(H)
35
°(V)
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Hyper Red
650
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
635
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Hyper Red
28
nm
IF=20mA
C
Capacitance
Hyper Red
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
1.95
2.5
V
IF=20mA
IR
Reverse Current
Hyper Red
10
uA
VR=5V
Parameter
Hyper Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
185
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APED3820CGCK-F01 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APED3820EC 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820MBC 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820MGC 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820PBC 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APED3820SEC-F01 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820SECK-F01 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APED3820SGC 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820SRC-F01 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APED3820SURC-F01 3.8x2.0mm DOME LENS SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn