Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144EK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC144EK
Description  NPN resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144EK Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC144EK Datasheet HTML 1Page - NXP Semiconductors PDTC144EK Datasheet HTML 2Page - NXP Semiconductors PDTC144EK Datasheet HTML 3Page - NXP Semiconductors PDTC144EK Datasheet HTML 4Page - NXP Semiconductors PDTC144EK Datasheet HTML 5Page - NXP Semiconductors PDTC144EK Datasheet HTML 6Page - NXP Semiconductors PDTC144EK Datasheet HTML 7Page - NXP Semiconductors PDTC144EK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 May 19
3
Philips Semiconductors
Objective specification
NPN resistor-equipped transistor
PDTC144EK
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
10
V
VI
input voltage
positive
+40
V
negative
−−10
V
IO
output current (DC)
100
mA
ICM
peak collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−55
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =30V
−−
1
µA
IB = 0; VCE =30V; Tj = 150 °C
−−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
90
µA
hFE
DC current gain
IC = 5 mA; VCE =5V
80
−−
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−−
150
mV
Vi(off)
input-off voltage
IC = 100 µA; VCE =5V
1.2
0.8
V
Vi(on)
input-on voltage
IC = 2 mA; VCE = 300 mV
3
1.6
V
R1
input resistor
33
47
61
k
resistor ratio
0.8
1
1.2
Cc
collector capacitance
IE =ie = 0; VCB =10V; f=1MHz
−−
2.5
pF
R2
R1
--------


Similar Part No. - PDTC144EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144EK PHILIPS-PDTC144EK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EK NXP-PDTC144EK Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
More results

Similar Description - PDTC144EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
   NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC114YT PHILIPS-PDTC114YT Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC114YU PHILIPS-PDTC114YU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 20
PDTC124EE PHILIPS-PDTC124EE Datasheet
66Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC124ET PHILIPS-PDTC124ET Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
PDTC124XEF PHILIPS-PDTC124XEF Datasheet
63Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC143EE PHILIPS-PDTC143EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 31
PDTC143ES PHILIPS-PDTC143ES Datasheet
69Kb / 8P
   NPN resistor-equipped transistor
1998 May 20
PDTC144EU PHILIPS-PDTC144EU Datasheet
53Kb / 8P
   NPN resistor-equipped transistor
1999 Apr 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com