Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S14K140E2 Datasheet(PDF) 5 Page - EPCOS

Part # S14K140E2
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S14K140E2 Datasheet(HTML) 5 Page - EPCOS

  S14K140E2 Datasheet HTML 1Page - EPCOS S14K140E2 Datasheet HTML 2Page - EPCOS S14K140E2 Datasheet HTML 3Page - EPCOS S14K140E2 Datasheet HTML 4Page - EPCOS S14K140E2 Datasheet HTML 5Page - EPCOS S14K140E2 Datasheet HTML 6Page - EPCOS S14K140E2 Datasheet HTML 7Page - EPCOS S14K140E2 Datasheet HTML 8Page - EPCOS S14K140E2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
179 04/02
S05K230E2
360
± 10
595
5,0
60
253
274
S07K230E2
360
± 10
595
10,0
115
254
275
S10K230E2
360
± 10
595
25,0
230
254
276
S14K230E2
360
± 10
595
50,0
380
255
277
S20K230E2
360
± 10
595
100,0
760
256
278
S05K250E2
390
± 10
650
5,0
55
253
274
S07K250E2
390
± 10
650
10,0
105
254
275
S10K250E2
390
± 10
650
25,0
215
254
276
S14K250E2
390
± 10
650
50,0
350
255
277
S20K250E2
390
± 10
650
100,0
700
256
278
S05K275E2
430
± 10
710
5,0
50
253
274
S07K275E2
430
± 10
710
10,0
95
254
275
S10K275E2
430
± 10
710
25,0
195
254
276
S14K275E2
430
± 10
710
50,0
320
255
277
S20K275E2
430
± 10
710
100,0
630
256
278
S05K300E2
470
± 10
775
5,0
45
253
274
S07K300E2
470
± 10
775
10,0
90
254
275
S10K300E2
470
± 10
775
25,0
180
254
276
S14K300E2
470
± 10
775
50,0
300
255
277
S20K300E2
470
± 10
775
100,0
580
256
278
S07K320E2
510
± 10
840
10,0
85
254
275
S10K320E2
510
± 10
840
25,0
170
254
276
S14K320E2
510
± 10
840
50,0
280
255
277
S20K320E2
510
± 10
840
100,0
540
256
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
AdvanceD Series
Leaded Varistors


Similar Part No. - S14K140E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S14K140 ETC1-S14K140 Datasheet
138Kb / 1P
   ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
logo
EPCOS
S14K140 EPCOS-S14K140 Datasheet
140Kb / 16P
   Leaded Varistors
More results

Similar Description - S14K140E2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com