Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6V2010NR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF6V2010NR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6V2010NR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF6V2010NR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6V2010NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MRF6V2010NR1 MRF6V2010NBR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFETs
Designed primarily for CW large-signal output and driver applications with
frequencies up to 450 MHz. Devices are unmatched and are suitable for use in
industrial, medical and scientific applications.
• Typical CW Performance at 220 MHz: VDD = 50 Volts, IDQ = 30 mA,
Pout = 10 Watts
Power Gain — 23.9 dB
Drain Efficiency — 62%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 220 MHz, 10 Watts CW
Output Power
Features
• Integrated ESD Protection
• Excellent Thermal Stability
• Facilitates Manual Gain Control, ALC and Modulation Techniques
• 200°C Capable Plastic Package
• RoHS Compliant
• TO-270-2 in Tape and Reel. R1 Suffix = 500 Units per 24 mm,
13 inch Reel.
• TO-272-2 in Tape and Reel. R1 Suffix = 500 Units per 44 mm,
13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +110
Vdc
Gate-Source Voltage
VGS
-0.5, +10
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 81°C, 10 W CW
RθJC
3.0
°C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access the MTTF
calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF6V2010N
Rev. 1, 5/2007
Freescale Semiconductor
Technical Data
10-450 MHz, 10 W, 50 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
MRF6V2010NR1
MRF6V2010NBR1
CASE 1265-08, STYLE 1
TO-270-2
PLASTIC
MRF6V2010NR1
CASE 1337-03, STYLE 1
TO-272-2
PLASTIC
MRF6V2010NBR1
© Freescale Semiconductor, Inc., 2007. All rights reserved.


Similar Part No. - MRF6V2010NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2010NR1 FREESCALE-MRF6V2010NR1 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2010NR1 FREESCALE-MRF6V2010NR1_08 Datasheet
1,014Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6V2010NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010NR1 FREESCALE-MW6S010NR1 Datasheet
726Kb / 20P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com