Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B72205S2131K101 Datasheet(PDF) 6 Page - EPCOS

Part No. B72205S2131K101
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B72205S2131K101 Datasheet(HTML) 6 Page - EPCOS

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
180 04/02
S10K385E2
B72210S2381K101
385
505
3500
67,0
0,40
S14K385E2
B72214S2381K101
385
505
5000
136,0
0,60
S20K385E2
B72220S2381K101
385
505
10000
273,0
1,00
S10K420E2
B72210S2421K101
420
560
3500
67,0
0,40
S14K420E2
B72214S2421K101
420
560
5000
136,0
0,60
S20K420E2
B72220S2421K101
420
560
10000
273,0
1,00
S10K460E2
B72210S2461K101
460
615
3500
70,0
0,40
S14K460E2
B72214S2461K101
460
615
5000
150,0
0,60
S20K460E2
B72220S2461K101
460
615
10000
300,0
1,00
S10K510E2
B72210S2511K101
510
670
3500
80,0
0,40
S14K510E2
B72214S2511K101
510
670
5000
165,0
0,60
S20K510E2
B72220S2511K101
510
670
10000
325,0
1,00
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
AdvanceD Series
Leaded Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn