Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B72205S2131K101 Datasheet(PDF) 5 Page - EPCOS

Part No. B72205S2131K101
Description  Leaded Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B72205S2131K101 Datasheet(HTML) 5 Page - EPCOS

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
179 04/02
S05K230E2
360
± 10
595
5,0
60
253
274
S07K230E2
360
± 10
595
10,0
115
254
275
S10K230E2
360
± 10
595
25,0
230
254
276
S14K230E2
360
± 10
595
50,0
380
255
277
S20K230E2
360
± 10
595
100,0
760
256
278
S05K250E2
390
± 10
650
5,0
55
253
274
S07K250E2
390
± 10
650
10,0
105
254
275
S10K250E2
390
± 10
650
25,0
215
254
276
S14K250E2
390
± 10
650
50,0
350
255
277
S20K250E2
390
± 10
650
100,0
700
256
278
S05K275E2
430
± 10
710
5,0
50
253
274
S07K275E2
430
± 10
710
10,0
95
254
275
S10K275E2
430
± 10
710
25,0
195
254
276
S14K275E2
430
± 10
710
50,0
320
255
277
S20K275E2
430
± 10
710
100,0
630
256
278
S05K300E2
470
± 10
775
5,0
45
253
274
S07K300E2
470
± 10
775
10,0
90
254
275
S10K300E2
470
± 10
775
25,0
180
254
276
S14K300E2
470
± 10
775
50,0
300
255
277
S20K300E2
470
± 10
775
100,0
580
256
278
S07K320E2
510
± 10
840
10,0
85
254
275
S10K320E2
510
± 10
840
25,0
170
254
276
S14K320E2
510
± 10
840
50,0
280
255
277
S20K320E2
510
± 10
840
100,0
540
256
278
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
AdvanceD Series
Leaded Varistors


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn