Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34703 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC34703
Description  10A Switch-Mode Power Supply with LDO Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34703 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC34703 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34703 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Document Number:
MC34703
Rev. 5.0, 8/2006
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
10A+ Switch-Mode Power
Supply with LDO Regulator
The 34703 integrated power supply IC is designed to support the
PowerQUICC™ family of MCUs as well as other MCUs and DSPs
requiring a high current core supply. The 34703 incorporates a high-
performance switching regulator for the microprocessor’s core
supply, and a low-dropout (LDO) linear regulator control circuit to
provide I/O and bus voltage.
The switching regulator is an efficient synchronous buck converter
with integrated low RDS(ON) high side and low side FETs.
Temperature and current sensing is built in and provides protection
for the IC as well as the external circuitry.
The 34703 incorporates specific advanced protection features for
use with high power processors and controllers, including power-up
and power-down sequencing of the I/O and core supply voltages in
relation to each other.
Features
• Wide input Operating Voltage Range: 2.8 V to 13.5 V
• Adjustable Output Voltages
• Continuous Core Voltage Supply Currents up to 10 A (with
infrequent excursions to 12 A permitted)
• Undervoltage Lockout
• Selectable Power Sequencing
• Programmable Watchdog Timer
• Voltage Margining via I2C Bus
• Overcurrent Protection
• Reset with Programmable Power-ON Delay
Figure 1. MC34703 Simplified Application Diagram
INTEGRATED POWER SUPPLY IC
PNB SUFFIX
98ASA10705D
33-PIN PQFN
34703
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34703PNB/R2
-40 to 85°C
33 PQFN
34703
2.8 to 13.5 V
VDDH (I/O)
VDDL (Core)
MCU
POR
VIN1
LDRV
LDO
LFB
ISNS
RESET
SW_A
INV
CLKSEL
BOOT
VOUT
LCMP
ADDR
VDDI
CLKSYN
FREQ
EN1
SDA
SCL
EN2
VBD
VBST (sense)
VIN2
VBST
SR
SW_B
VBST
COMP
RT
Optional
I2C
Bus


Similar Part No. - MC34703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34703

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com