Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M36L0R7060T1 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. M36L0R7060T1
Description  128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

M36L0R7060T1 Datasheet(HTML) 5 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M36L0R7060T1, M36L0R7060B1
List of figures
5/22
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
TFBGA connections (top view through package) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 4.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 5.
AC measurement load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 6.
TFBGA88 8 × 10 mm, 8 × 10 ball array - 0.8 mm pitch, package outline . . . . . . . . . . . . . . 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M36P0R9070E0_06512 Mbit x16 Multiple Bank Multi-Level Burst Flash memory 128 Mbit Burst PSRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M58LR128HT128 Mbit 8 Mb ×16 Multiple Bank Multilevel interface Burst 1.8 V supply Flash memories 1 2 3 4 5 MoreSTMicroelectronics
M29DW128F_06128 Mbit 16Mb x8 or 8Mb x16 Multiple Bank Page Boot Block 3V supply Flash memory 1 2 3 4 5 MoreSTMicroelectronics
AM49BDS640AHStacked Multichip Package MCP Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write 1 2 3 4 5 MoreSPANSION
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6402G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreSPANSION
AM49PDL127AH128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit CMOS Pseudo Static RAM 1 2 3 4 5 MoreSPANSION
AM49LV6408MStacked Multi-chip Package MCP 64 Mbit 4 M x 16 bit Flash Memory and 8 Mbit 512K x 16-Bit 1 2 3 4 5 MoreSPANSION

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn