Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA3022EC Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. AA3022EC
Description  3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3022EC Datasheet(HTML) 4 Page - Kingbright Corporation

  AA3022EC Datasheet HTML 1Page - Kingbright Corporation AA3022EC Datasheet HTML 2Page - Kingbright Corporation AA3022EC Datasheet HTML 3Page - Kingbright Corporation AA3022EC Datasheet HTML 4Page - Kingbright Corporation AA3022EC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: DSAD1224
REV NO: V.4
DATE: MAY/08/2007
PAGE: 4 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201000164
AA3022EC-4.5SF
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM23ID-FSOT-23 SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3020SYC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020SYCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3020YC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AA3021PR4S3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
QTLP600C-23SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1 2 3 4 5 MoreFairchild Semiconductor
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
APTF3216PBAVGASUK3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
AA3020SEC3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn