Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA3021PR4S Datasheet(PDF) 5 Page - Kingbright Corporation

Part No. AA3021PR4S
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S Datasheet(HTML) 5 Page - Kingbright Corporation

  AA3021PR4S Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPEC NO: DSAI7057
REV NO: V.2
DATE: SEP/23/2008
PAGE: 5 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: R.Chen
ERP: 1201004237
AA3021PR4S/Z-W2
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
x
3
4
5
2500 K
3000 K
4000 K
5000 K
6000 K
7000 K
Bin
x
y
3
0.4674
0.4367
0.4541
0.4327
0.4272
0.3783
0.4379
0.3814
CCT: 2780~2930K
4
0.4541
0.4327
0.4405
0.4278
0.4163
0.3745
0.4272
0.3783
CCT: 2930~3120K
5
0.4405
0.4278
0.4258
0.4214
0.4047
0.3697
0.4163
0.3745
CCT: 3120~3310K
W2 bin code


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SEC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SECK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SGC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SRC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SYC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SYCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020YC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn