Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA3021PR4S Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. AA3021PR4S
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3021PR4S Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAI7057
REV NO: V.2
DATE: SEP/23/2008
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: R.Chen
ERP: 1201004237
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA3021PR4S/Z-W2
Warm White (InGaN)
WATER CLEAR
480
600
125
°
Iv (mcd) [2]
@ 20mA
Parameter
Warm White
Units
Power dissipation
111
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
VF [1]
Forward Voltage
Warm White
3.2
3.7
V
IF=20mA
IR
Reverse Current
Warm White
10
uA
VR = 5V
C
Capacitance
Warm White
110
pF
VF=0V;f=1MHz
Min.
CCT
Color Temperature
Warm White
2780
3000
3310
K
IF=20mA
Note:
1.Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SEC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SECK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SGC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SRC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SYC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SYCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020YC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn