Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AA3020SYCK Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. AA3020SYCK
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020SYCK Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3020SYCK Datasheet HTML 1Page - Kingbright Corporation AA3020SYCK Datasheet HTML 2Page - Kingbright Corporation AA3020SYCK Datasheet HTML 3Page - Kingbright Corporation AA3020SYCK Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD1219
REV NO: V.3
DATE: MAR/17/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1201000150
Super Bright Yellow
AA3020SYCK


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SEC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SECK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SGC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SRC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SURCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
AA3020SYC 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
QTLP600C-23 SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1  2  3  4  5  More Fairchild Semiconductor
APTF3216PBAVGASUK 3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn