Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTF3216PBAVGASUK Datasheet(PDF) 6 Page - Kingbright Corporation

Part No. APTF3216PBAVGASUK
Description  3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTF3216PBAVGASUK Datasheet(HTML) 6 Page - Kingbright Corporation

  APTF3216PBAVGASUK Datasheet HTML 1Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 2Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 3Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 4Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 5Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 6Page - Kingbright Corporation APTF3216PBAVGASUK Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: DSAG5719
REV NO: V.4
DATE: APR/03/2007
PAGE: 6 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1203005399
Tape Specifications
(Units : mm)
APTF3216PBAVGASUK
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AM23ID-F SOT-23 SURFACE MOUNT LED LAMP 1  2  3  4  5  Kingbright Corporation
QTLP600C-23 SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 1  2  3  4  5  More Fairchild Semiconductor
AA3020CGCK 3.0x2.0mm SURFACE MOUNT LED LAMP 1  2  3  4  Kingbright Corporation
SML-LX1206IC-TR 3.2MM X 1.6 MM PCB SURFACE MOUNT LED 635NM RED LED WATER CLEAR LENS TAPE AND REEL 1  List of Unclassifed Manufacturers
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
AM23ESGC SOT-23 SURFACE MOUNT LED LAMP 1  2  3  4  5  More Kingbright Corporation
APA2106SEC 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1  2  3  4  5  Kingbright Corporation
APA2106SECK 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1  2  3  4  5  Kingbright Corporation
APTD3216CGCK 3.2 x 1.6mm SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APA2106SGC 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1  2  3  4  5  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn