Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTD3216MGC Datasheet(PDF) 5 Page - Kingbright Corporation

Part No. APTD3216MGC
Description  3.2 x 1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216MGC Datasheet(HTML) 5 Page - Kingbright Corporation

  APTD3216MGC Datasheet HTML 1Page - Kingbright Corporation APTD3216MGC Datasheet HTML 2Page - Kingbright Corporation APTD3216MGC Datasheet HTML 3Page - Kingbright Corporation APTD3216MGC Datasheet HTML 4Page - Kingbright Corporation APTD3216MGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAA7938
REV NO: V.10
DATE: MAY/07/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203002237
PACKING & LABEL SPECIFICATIONS
APTD3216MGC


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APTD3216CGCK 3.2 x 1.6mm SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APTD3216EC 3.2 x 1.6mm SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APTD3216MBC 3.2 x 1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
AP1608SECK 1.6X0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APA1606PBC 1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APA3010QBC 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APTC2012SGC 2.0x1.25mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APA1606QBC 1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APA3010RWF 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  More Kingbright Corporation
APTC2012SURC 2.0 x1.25mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn