Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTD3216EC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APTD3216EC
Description  3.2 x 1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTD3216EC Datasheet(HTML) 2 Page - Kingbright Corporation

  APTD3216EC Datasheet HTML 1Page - Kingbright Corporation APTD3216EC Datasheet HTML 2Page - Kingbright Corporation APTD3216EC Datasheet HTML 3Page - Kingbright Corporation APTD3216EC Datasheet HTML 4Page - Kingbright Corporation APTD3216EC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1045
REV NO: V.8
DATE: MAY/07/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203002219
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APTD3216EC
High Efficiency Red (GaAsP/GaP)
WATER CLEAR
10
50
40
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
627
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
625
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
45
nm
IF=20mA
C
Capacitance
High Efficiency Red
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
2
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
10
uA
VR=5V
Parameter
High Efficiency Red
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
160
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Similar Part No. - APTD3216EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APTD3216EC ETC-APTD3216EC Datasheet
213Kb / 1P
   DOME LENS SMD CHIP LED 3216
logo
HK TO-GRACE TECHNOLOGY ...
APTD3216EC TO-GRACE-APTD3216EC Datasheet
1Mb / 5P
   3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - APTD3216EC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTD3216CGCK KINGBRIGHT-APTD3216CGCK Datasheet
276Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216MBC KINGBRIGHT-APTD3216MBC Datasheet
123Kb / 4P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216QBC KINGBRIGHT-APTD3216QBC Datasheet
283Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APC3216SURC KINGBRIGHT-APC3216SURC Datasheet
108Kb / 4P
   3.2 X 1.6MM SMD CHIP LED lamp
APTD3216PBC KINGBRIGHT-APTD3216PBC Datasheet
282Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APTD3216MGC KINGBRIGHT-APTD3216MGC Datasheet
277Kb / 5P
   3.2 x 1.6mm SMD CHIP LED LAMP
APC3216SYC KINGBRIGHT-APC3216SYC Datasheet
104Kb / 4P
   3.2 X 1.6MM SMD CHIP LED lamp
APC3216SECK KINGBRIGHT-APC3216SECK Datasheet
108Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED lamp
APC3216MBC KINGBRIGHT-APC3216MBC Datasheet
108Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED
APC3216MGC KINGBRIGHT-APC3216MGC Datasheet
104Kb / 4P
   3.2 X 1.6MM(1206) SMD CHIP LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com