Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTC2012SYC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APTC2012SYC
Description  2.0x1.25mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTC2012SYC Datasheet(HTML) 2 Page - Kingbright Corporation

  APTC2012SYC Datasheet HTML 1Page - Kingbright Corporation APTC2012SYC Datasheet HTML 2Page - Kingbright Corporation APTC2012SYC Datasheet HTML 3Page - Kingbright Corporation APTC2012SYC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD0957
REV NO: V.1
DATE: MAR/22/2003
PAGE: 2 OF 4
APPROVED : J. Lu
CHECKED :Allen Liu
DRAWN: S.J.HOU
SelectionGuide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25°°°°°C
Absolute Maximum Ratings at T)=25°°°°°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
9
5m
nIF
A
m
0
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S8
8
5m
nIF
A
m
0
2
=
λ
2
/
1
h
t
d
i
w
-f
l
a
H
e
n
i
L
l
a
rt
c
e
p
Sw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S8
2m
nIF
A
m
0
2
=
Ce
c
n
a
ti
c
a
p
a
Cw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S5
2F
pV F
;
V
0
=f
z
H
M
1
=
V F
e
g
a
tl
o
V
d
r
a
w
r
o
Fw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
.
25
.
2V
IF
A
m
0
2
=
IR
t
n
e
r
r
u
C
e
s
r
e
v
e
Rw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S0
1A
uV R
V
5
=
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
Sw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
S
w
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
Sw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
Ss
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P
5
2
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D
0
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P
0
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
2
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
C
Y
S
2
1
0
2
C
T
P
A)
P
l
A
a
G
n
I(
W
O
L
L
E
Y
T
H
G
I
R
B
R
E
P
U
SR
A
E
L
C
R
E
T
A
W6
30
0
10
2
1 °


Similar Part No. - APTC2012SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTC2012SYCK KINGBRIGHT-APTC2012SYCK Datasheet
102Kb / 4P
   2.0 x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APTC2012SYC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTK2012SECK-F01 KINGBRIGHT-APTK2012SECK-F01 Datasheet
291Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Gilway Technical Lamp
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APTC2012CGCK KINGBRIGHT-APTC2012CGCK Datasheet
101Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
   2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC KINGBRIGHT-APT2012ZGC Datasheet
279Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com