Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR05U20LP Datasheet(PDF) 2 Page - International Rectifier

Part # SBR05U20LP
Description  Surface Mount Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBR05U20LP Datasheet(HTML) 2 Page - International Rectifier

  SBR05U20LP Datasheet HTML 1Page - International Rectifier SBR05U20LP Datasheet HTML 2Page - International Rectifier SBR05U20LP Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR05U20LP
Package Outline Drawing
D
G
TOP VIEW
Cathode Indicator
H
B
C
R
N
A
SBR05U20LP Rev. 2 - 2
2 of 3
www.diodes.com
April 2007
© Diodes Incorporated
DFN1006-2
Dim
Min
Max
Typ
A
0.95 1.075 1.00
B
0.55 0.675 0.60
C
0.45 0.55 0.50
D
0.20 0.30 0.25
G
0.47 0.53 0.50
H
0
0.05 0.03
N
0.40
R
0.05 0.15 0.10
All Dimensions in mm


Similar Part No. - SBR05U20LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR05U20LP DIODES-SBR05U20LP Datasheet
83Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP-7 DIODES-SBR05U20LP-7 Datasheet
83Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP-7 DIODES-SBR05U20LP-7 Datasheet
131Kb / 4P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP-7B DIODES-SBR05U20LP-7B Datasheet
83Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP-7B DIODES-SBR05U20LP-7B Datasheet
131Kb / 4P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR05U20LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U150SA-13 DIODES-SBR2U150SA-13 Datasheet
222Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP DIODES-SBR05U20LP_11 Datasheet
83Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SAQ DIODES-SBR1U150SAQ Datasheet
420Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA-13 DIODES-SBR1U150SA-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_11 Datasheet
105Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20SN DIODES-SBR05U20SN Datasheet
96Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_15 Datasheet
378Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
   2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com