Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1987 Datasheet(PDF) 14 Page - Analog Devices

Part No. AD1987
Description  High Definition Audio SoundMAX Codec
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD1987 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1987 Datasheet HTML 10Page - Analog Devices AD1987 Datasheet HTML 11Page - Analog Devices AD1987 Datasheet HTML 12Page - Analog Devices AD1987 Datasheet HTML 13Page - Analog Devices AD1987 Datasheet HTML 14Page - Analog Devices AD1987 Datasheet HTML 15Page - Analog Devices AD1987 Datasheet HTML 16Page - Analog Devices AD1987 Datasheet HTML 17Page - Analog Devices AD1987 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Rev. 0
|
Page 14 of 18
|
May 2007
AD1987
Table 8. Widget Parameters
Node
ID
Widget
Capabilities
09
PCM Size,
Rate 0A
Stream
Formats
0B
Pin
Capabilities
0C
Input Amp
Capabilities
0D
ConnList
Length
0E
Power
States
0F
Processing
Caps
10
Output
Amp
Capabilities
12
Volume
Knob
Capabilities
13
01
00000480
000E01FF
00000001
80000000
00000009
00052727
02
00030311
000E01E0
00000005
00000001
03
00000405
000E01FF
00000001
00000000
00000009
00052727
04
00000405
000E01FF
00000001
00000000
00000009
00052727
05
00000405
000E01FF
00000001
00000000
00000009
00052727
06
00000405
000E01FF
00000001
00000000
00000009
00052727
08
00100501
000E01FF
00000001
00000001
00000009
09
00100501
000E01FF
00000001
00000001
00000009
0B
00300301
00000002
0C
0030010D
00000008
80053627
0D
0030010D
00000008
80053627
10
0070000C
00000000
800B0F0F
11
0040018D
0000373F
00000001
80000000
12
0040058D
0001003F
00000001
00000009
80000000
13
0040050C
00010010
00000001
00000009
80051F1F
14
0040018D
0000373F
00000001
80000000
15
0040018D
00003737
00000001
80000000
16
0040018D
00000017
00000001
80000000
17
0040098D
00003737
00000001
80000000
18
00400001
00000020
00000000
19
00500500
00000002
00000009
1A
00400000
00000020
00000000
1B
0040030D
00000010
00000001
80052727
1D
00200303
80000000
00000002
1E
00200103
80000000
00000002
20
0020010B
80051F17
00000008
21
0030010D
00000001
80051F1F
22
00200103
80000000
00000002
23
00F00100
00000008
24
0040098D
00000017
00000001
80000000
25
0040018D
00000017
00000001
80000000
26
00200103
80000000
00000002
27
00200103
80000000
00000002
28
00200103
80000000
00000002
29
00200103
80000000
00000002
2A
00200103
80000000
00000002
2B
00200103
80000000
00000002
2C
00200103
80000000
00000002
2D
00200100
00000001
2F
00F00100
00000004
30
00300101
00000002
31
00300101
00000002
37
00300101
00000002
38
0030010D
00000001
00270300
39
0030010D
00000001
00270300
3A
0030010D
00000001
00270300
3C
0030010D
00000001
00270300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn