Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA7260QT Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA7260QT
Description  짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7260QT Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA7260QT_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7260QT_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sensors
Freescale Semiconductor
5
MMA7260QT
BASIC CONNECTIONS
Pin Descriptions
Figure 4. Pinout Description
Figure 5. Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. To ensure start up operation below 0°C, verify VDD
line has the ability to reach 2.2 V in < 0.1 ms as
measured on the device at the VDD pin. Rise times
greater than this most likely will prevent cold start up
operation.
2. Physical coupling distance of the accelerometer to
the microcontroller should be minimal.
3. The flag underneath the package is internally
connected to ground. It is not recommended for the
flag to be soldered down.
4. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
5. Use an RC filter with 1.0 kΩ and 0.1 µF on the
outputs of the accelerometer to minimize clock noise
(from the switched capacitor filter circuit).
6. PCB layout of power and ground should not couple
power supply noise.
7. Accelerometer and microcontroller should not be a
high current path.
8. A/D sampling rate and any external power supply
switching frequency should be selected such that
they do not interfere with the internal accelerometer
sampling frequency (11 kHz for the sampling
frequency). This will prevent aliasing errors.
9. PCB layout should not run traces or vias under the
QFN part. This could lead to ground shorting to the
accelerometer flag.
Table 4. Pin Descriptions
Pin No.
Pin Name
Description
1
g-Select1
Logic input pin to select g level.
2
g-Select2
Logic input pin to select g level.
3VDD
Power Supply Input
4VSS
Power Supply Ground
5 - 7
N/C
No internal connection.
Leave unconnected.
8 - 11
N/C
Unused for factory trim.
Leave unconnected.
12
Sleep Mode
Logic input pin to enable product or
Sleep Mode.
13
ZOUT
Z direction output voltage.
14
YOUT
Y direction output voltage.
15
XOUT
X direction output voltage.
16
N/C
No internal connection.
Leave unconnected.
Top View
15
16
14 13
12
11
10
1
2
3
4
56
7
8
9
g-Select1
N/C
N/C
N/C
g-Select2
VDD
VSS
Sleep Mode
Sleep Mode
VDD
VSS
0.1 µF
3
4
VDD
0.1 µF
14
0.1 µF
15
12
XOUT
YOUT
1 kΩ
1 kΩ
Logic
Input
2
1
0.1 µF
13
ZOUT
1 kΩ
Logic
Inputs
g-Select2
g-Select1
MMA7260QT
POWER SUPPLY
VDD
VSS
Sleep Mode
g-Select1
g-Select2
XOUT
YOUT
ZOUT
VDD
VSS
VRH
P0
P1
P2
A/DIN
A/DIN
A/DIN
C
C
C
R
R
R
C
C
C
C
C


Similar Part No. - MMA7260QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT_08 Datasheet
193Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7260QT_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT_08 Datasheet
193Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7260QT NXP-MMA7260QT Datasheet
244Kb / 12P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
Rev 5, 03/2008
logo
Freescale Semiconductor...
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361L FREESCALE-MMA7361L Datasheet
169Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com