Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E621 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 908E621 Datasheet HTML 22Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 23Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 24Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 25Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 26Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 27Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 28Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 29Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
908E621
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
OPERATING MODES OF THE MCU
For a detailed description of the operating modes of the
MCU, refer to the MC68HC908EY16 datasheet.
INTERRUPTS
The 908E621 has seven different interrupt sources. An
interrupt pulse on the IRQ_A terminal is generated to report
an event or fault to the MCU. All interrupts are maskable and
can be enabled/disabled via the SPI (Interrupt Mask
Register). After reset all interrupts are automatically disabled.
Low Voltage Interrupt
Low voltage interrupt (LVI) is related to external supply
voltage VSUP. If this voltage falls below the LVI threshold, it
will set the LVIF bit in the Interrupt Flag Register. In case the
low voltage interrupt is enabled (LVIE = 1), an interrupt will be
initiated.
During Sleep and Stop mode the low voltage interrupt
circuitry is disabled.
High Voltage Interrupt
The High voltage Interrupt (HVI) is related to the external
supply voltage VSUP. If this voltage rises above the HVI
threshold it will set the HVIF bit in the Interrupt Flag Register.
In case the High voltage Interrupt is enabled (HVIE = 1), an
interrupt will be initiated.
During Stop and Sleep mode the HVI circuitry is disabled.
High Temperature Interrupt
The high temperature interrupt (HTI) is generated by the
on chip temperature sensors. If the chip temperature is above
the HTI threshold the HTIF bit in the Interrupt Flag Register
will be set. In case the high temperature interrupt is enabled
(HTIE = 1), an interrupt will be initiated.
During Stop and Sleep mode the HTI circuitry is disabled.
LIN Interrupt
The LIN Interrupt is related to the Stop mode. If the LIN
interrupt is enabled (LINIE = 1) in Stop mode an interrupt is
asserted, if a rising edge is detected and the bus was
dominant longer than TpropWL. After the wake-up / interrupt
the LINIF is indicating the reason for the wake-up / interrupt.
Power Stage Fail Interrupt
The power stage fail flag indicates an error condition on
any of the power stages (see Figure 14, page 27).
In case the power stage fail interrupt is enabled (PSFIE =
1), an interrupt will be initiated if:
During Stop and Sleep mode the PSFI circuitry is disabled.
HO Input Interrupt
The H0 interrupt flag H0IF is set in run mode by a state
change of the H0F flag (rising or falling edge on the enabled
Table 6. Operating Modes Overview
Device Mode
Voltage Regulator
Wake-Up Capabilities
RST_A
Output
MCU monitoring/
Watchdog
Function
Power Stages
LIN Interface
Reset
VDD ON
N/A
LOW
Disabled
Disabled
Disabled
Normal Request
VDD ON
N/A
HIGH
tNORMREQ (80 ms
typical) time out to
set PSON bit in
System Control
Register
Disabled
Disabled
Normal (Run)
VDD ON
N/A
HIGH
Window Watchdog
active if enabled
Enabled
Enabled
Stop
VDD ON with limited
current capability
LIN wake-up,
L0 state change
(SPI PSON=1)(1)
HIGH
Disabled
Disabled
Recessive state with
wake-up capability
Sleep
VDD OFF
LIN wake-up
L0 state change
LOW
Disabled
Disabled
Recessive state with
wake-up capability
Notes
1.
The SPI is still active in Stop mode. However, due to the limited current capability of the voltage regulator in Stop mode, the PSON
bit has to be set before the increased current caused from a running MCU causes an LVR.


Similar Part No. - 908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com