Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908E621 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button 908E621_07 Datasheet HTML 40Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 41Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 42Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 43Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 44Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 45Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 46Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 47Page - Freescale Semiconductor, Inc 908E621_07 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Analog Integrated Circuit Device Data
44
Freescale Semiconductor
908E621
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
function is enabled it is not possible to disable it via software.
Reset clears the WDRE bit.
To prevent a Watchdog reset, the Watchdog timer has to
be cleared in the Window Open frame. This is done by writing
a logic “1” to the WDRST bit in the Watchdog Control register
(WDCTL). The actual reset of the watchdog counter occurs at
the end of the corresponding SPI transmission with the rising
edge of the SS signal.
If the watchdog is enabled, it will generate a system reset
if the timer has reached its end value or if a watchdog reset
(WDRST) has occurred in the closed window.
The watchdog period can be selected with 2 bits in the
WDCTL, in order to get 10ms, 20ms, 40ms and 80ms period.
Figure 28. Window Watchdog Period
Stop mode
Operations of the watchdog function is ceased in stop
mode (counter/oscillator stopped). After wake-up the
watchdog timer is automatically cleared in order to give the
MCU the full time to reset the watchdog.
Sleep mode
Operations of the watchdog function is ceased is sleep
mode. Due to the reason that the main voltage regulator
asserts an LVR reset the Watchdog functionality is disabled
and the WDRE bit is cleared as soon as sleep mode is
entered. To reenable this function bit WDRE has to be set
after wake-up.
Watchdog Control Register (WDCTL)
WDRE - Watchdog Reset Enable Bit
This read/write (write once) bit activates the watchdog The
WDRE can only be set and can not be cleared by software.
Reset clears the WDRE bit.
1 = Watchdog enabled
0 = Watchdog disabled
WDP1:0 - Watchdog Period Select Bits
This read/write bit select the clock rate of the Watchdog.
Reset clears the WDP1:0 bits.
Table 12. Watchdog Period Selection Bits
WDRST - Watchdog Reset Bit
This write only bit resets the Watchdog. Write a logic [1] to
reset the watchdog timer.
1 = Reset WD and restart timer
0 = no effect
Voltage Regulator
The 908E621 contains a low power, low drop voltage
regulator to provide internal power and external power for the
MCU. The on-chip regulator consist of two elements, the
main regulator and the low voltage reset circuit.
The VDD regulator accepts an unregulated input supply
and provides a regulated VDD supply to all digital sections of
the device. The output of the regulator is also connected to
the VDD terminal to provide the 5.0 V to the microcontroller.
Run mode
During RUN mode the main voltage regulator is on. It will
provide a regulated supply to all digital sections.
Window closed
no watch dog clear allowed
Window open
for watch dog clear
WD timing x 50%
WD timing x 50%
WD period ( timing selected by Bits WDP1:0)
Register Name and Address: WDCTL - $0B
Bit7
6
5
4
3
2
1
Bit0
Read
WDRE
WDP1
WDP0
00
00
0
Write
WDRST
Reset
0
0
0
0
0
0
0
0
WDP1
WDP0
Mode
0
0
80ms window watchdog period
0
1
40ms window watchdog period
1
0
20ms window watchdog period
1
1
10ms window watchdog period


Similar Part No. - 908E621_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621_07

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
   Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
   TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
   Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com