Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ146012EGR2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MCZ146012EGR2
Description  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ146012EGR2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MCZ146012EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ146012EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Sensors
2
Freescale Semiconductor
MC146012
Figure 1. Block Diagram
Figure 2. Pin Assignment (16-Pin DIP)
DETECT
OSC
R1
TEST
STROBE
LOW-SUPPLY
TRIP
3
12
13
16
4
15
1
2
C1 C2
AMP
OSC
TIMING
LOGIC
VDD - 3.5 V
VDD - 4.0 V
REF
COMP
-
+
GATE
ON/OFF
GATE
ON/OFF
-
+
COMP
VDD - 5.0 V
REF
SMOKE
ALARM,
MUTE,
& RESET
LOGIC
HORN MODULATOR
AND DRIVER
I/O
BRASS
SILVER
FEEDBACK
IRED
LED
PIN 5 = VDD
PIN 14 = VSS
7
8
9
10
6
11
C1
C2
DETECT
STROBE
VDD
IRED
I/O
BRASS
TEST/MUTE
LOW-SUPPLY
VSS
R1
OSC
LED
FEEDBACK
SILVER
TRIP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8


Similar Part No. - MCZ146012EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ146010EG FREESCALE-MCZ146010EG Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
MCZ146010EGR2 FREESCALE-MCZ146010EGR2 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
More results

Similar Description - MCZ146012EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com