Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC146012 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC146012
Description  Low Power CMOS Photoelectric Smoke Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC146012 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC146012 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC146012 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Sensors
Freescale Semiconductor
5
MC146012
No.
Symbol
Parameter
Test Condition
Clocks
Min(1)
Typ(2)
Max(1)
Unit
13
tON
Silver and Brass Temporal
Modulation Pulse Width
64
0.45
0.5
0.55
s
14
tOFF
64
0.45
0.5
0.55
15
tOFFD
192
1.35
1.52
1.65
16
tCH
Silver and Brass Chirp Pulse
Period
Low Supply or Degraded
Chamber Sensitivity
4096
28.8
32.4
35.2
s
17
tW(CH)
Silver and Brass Chirp Pulse
Width
Low Supply or Degraded
Chamber Sensitivity
1.0
7.2
8.0
8.8
ms
18
tRR
Rising Edge on I/O to Smoke
Alarm Response Time
Remote Smoke, No local
smoke
——
2.0(3)
—s
19
tstb
Strobe Out Pulse Period
Smoke Test
1024
7.2
8.1
8.8
s
20
Chamber Sensitivity Test
Without Local Smoke
4096
28.8
32.4
35.2
s
21
Low Supply Test Without Local
Smoke
4096
28.8
32.4
35.2
s
22
Pushbutton Test/Speed-Up
1.0
s
23
tMUTE
—6.0
8.0
11
min
1. Oscillator period T (T = Tr + Tf) is determined by the external components R1, R2 and C3 where Tr = (0.6931)R2*C3 and Tf = (0.6931)R1*C3.
The other timing characteristics are some multiple of the oscillator timing shown in the table. The timing shown should accommodate the
NFPA72, ANSI S3.41, and ISO8201 audible emergency evacuation signals.
2. Typicals are not guaranteed.
3. Time is typical-depends on what point in cycle the signal is applied.
Table 3
. AC Electrical Characteristics (Refer to Timing Diagram Figure 3 and Figure 4. TA = 25°C, VDD = 9.0 V,
Component Values from Figure 5.) (continued)


Similar Part No. - MC146012

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012ED FREESCALE-MC146012ED Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012EG FREESCALE-MC146012EG Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
More results

Similar Description - MC146012

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
   LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
   Low Power CMOS Photoelectric Smoke Detector IC
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com