Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33996EK Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC33996EK
Description  16-Output Switch with SPI Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33996EK Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33996EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33996
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage (1)
VPWR
-1.5 to 50
V
SO Output Driver Power Supply Voltage (1)
SOPWR
-0.3 to 7.0
V
SPI Interface Logic Input Voltage (CS, PWM, SI, SO, SCLK, RST) (1)
VIN
-0.3 to 7.0
V
Output Drain Voltage
VD
-0.3 to 45
V
Frequency of SPI Operation (2)
fSPI
6.0
MHz
Output Clamp Energy (3)
ECLAMP
50
mJ
ESD Voltage (4)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
Case
TA
TJ
TC
-40 to 125
-40 to 150
-40 to 125
°C
Storage Temperature
TSTG
-55 to 150
°C
Power Dissipation (TA = 25°C)
(5)
PD
1.7
W
Peak Package Reflow Temperature During Reflow (6), (7)
TPPRT
Note 7
°C
Thermal Resistance
Junction-to-Ambient (8)
Junction- to-Lead (9)
Junction-to-Flag
RθJA
RθJL
RθJC
75
8.0
1.2
°C/W
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
This parameter is guaranteed by design but not production tested.
3.
Maximum output clamp energy capability at 150
°C junction temperature using single nonrepetitive pulse method.
4.
ESD data available upon request. ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500
Ω) and the Machine Model (C
ZAP = 200 pF, RZAP = 0 Ω).
5.
Maximum power dissipation with no heat sink used.
6.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
7.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
8.
Tested per JEDEC test JESD52-2 (single-layer PWB).
9.
Tested per JEDEC test JESD51-8 (two-layer PWB).


Similar Part No. - MC33996EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996EK FREESCALE-MC33996EK Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
More results

Similar Description - MC33996EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com